Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB6L72MMMNG Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NB6L72MMMNG
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L72MMMNG Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB6L72MMMNG Datasheet HTML 2Page - ON Semiconductor NB6L72MMMNG Datasheet HTML 3Page - ON Semiconductor NB6L72MMMNG Datasheet HTML 4Page - ON Semiconductor NB6L72MMMNG Datasheet HTML 5Page - ON Semiconductor NB6L72MMMNG Datasheet HTML 6Page - ON Semiconductor NB6L72MMMNG Datasheet HTML 7Page - ON Semiconductor NB6L72MMMNG Datasheet HTML 8Page - ON Semiconductor NB6L72MMMNG Datasheet HTML 9Page - ON Semiconductor NB6L72MMMNG Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB6L72M
http://onsemi.com
6
Table 6. AC CHARACTERISTICS VCC = 2.375 V to 3.63 V, GND = 0 V, or VCC = 0 V, GND = −2.375 V to −3.63 V,
TA = −40°C to +85°C; (Note 10)
Symbol
Characteristic
Min
Typ
Max
Unit
VOUTPP Output Voltage Amplitude (@ VINPPmin)fin ≤ 3 GHz
(Note 15) (See Figure 4)
250
380
mV
tPLH,
tPHL
Propagation Delay (@0.5GHz)
Dn to Qn
SELn to Qn
230
360
480
ps
tSKEW
Duty Cycle Skew (Note 11)
Within Device Skew
Device to Device Skew (Note 12)
6.0
20
25
85
ps
tDC
Output Clock Duty Cycle
fin ≤ 3.0 GHz
(Reference Duty Cycle = 50%)
40
50
60
%
tJITTER
RMS Random Clock Jitter (Note 13)
fin ≤ 3.0 GHz
Peak−to−Peak Data Dependent Jitter
fin = 2.5 Gb/s
(Note 14)
fin = 3.0 Gb/s
0.2
5.0
8.0
0.5
15
25
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 15)
150
2800
mV
tr, tf
Output Rise/Fall Times @ 0.5 GHz, (20% − 80%),
Q, Q
65
120
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10.Measured by forcing VINPP (minimum) from a 50% duty cycle clock source. All loading with an external RL = 50 W to VCC. Input edge rates
40 ps (20% − 80%).
11. Duty cycle skew is measured between differential outputs using the deviations of the sum of Tpw− and Tpw+ @ 0.5GHz.
12.Device to device skew is measured between outputs under identical transition @ 0.5 GHz.
13.Additive RMS jitter with 50% duty cycle clock signal.
14.Additive peak−to−peak data dependent jitter with input NRZ data at PRBS23.
15.Input and output voltage swing is a single−ended measurement operating in differential mode.


Similar Part No. - NB6L72MMMNG

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NB6L72MMNG ONSEMI-NB6L72MMNG Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB6L72MMNR2G ONSEMI-NB6L72MMNR2G Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
More results

Similar Description - NB6L72MMMNG

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
NB6L72M ONSEMI-NB6L72M_07 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
January, 2007 ??Rev. 1
NB6L72 ONSEMI-NB6L72_09 Datasheet
140Kb / 11P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
April, 2008 - Rev. 4
NB6L72 ONSEMI-NB6L72 Datasheet
149Kb / 10P
   2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
December, 2006 ??Rev. 0
NB7V72M ONSEMI-NB7V72M Datasheet
161Kb / 8P
   1.8V / 2.5V Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
October, 2009 ??Rev. 1
NB7L72M ONSEMI-NB7L72M_17 Datasheet
90Kb / 8P
   Differential 2 x 2 Crosspoint Switch with CML Outputs Clock/Data Buffer/Translator
January, 2017 ??Rev. 4
NBSG72A ONSEMI-NBSG72A Datasheet
140Kb / 16P
   2.5V/3.3V SiGe Differential 2 X 2 Crosspoint Switch with Output Level Select
October, 2004 ??Rev. 2
Micrel Semiconductor
Micrel Semiconductor
SY55858U MICREL-SY55858U_05 Datasheet
76Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
SY55858U MICREL-SY55858U Datasheet
73Kb / 8P
   2.5V/3.3V 3.0GHZ DUAL 2 x 2 CML CROSSPOINT SWITCH W/INTERNAL TERMINATION
ON Semiconductor
ON Semiconductor
NBSG72A ONSEMI-NBSG72A_06 Datasheet
671Kb / 14P
   2.5V/3.3V SiGe Differential 2 x 2 Crosspoint Switch with Output Level Select
November, 2006 ??Rev. 5
Maxim Integrated Products
Maxim Integrated Produc...
MAX3841 MAXIM-MAX3841 Datasheet
203Kb / 7P
   12.5Gbps CML 2 × 2 Crosspoint Switch
Rev 1; 3/09
More results


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz