Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB6L611 Datasheet(PDF) 7 Page - ON Semiconductor

Part # NB6L611
Description  2.5V / 3.3V 1:2 Differential LVPECL Clock / Data Fanout Buffer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L611 Datasheet(HTML) 7 Page - ON Semiconductor

  NB6L611 Datasheet HTML 1Page - ON Semiconductor NB6L611 Datasheet HTML 2Page - ON Semiconductor NB6L611 Datasheet HTML 3Page - ON Semiconductor NB6L611 Datasheet HTML 4Page - ON Semiconductor NB6L611 Datasheet HTML 5Page - ON Semiconductor NB6L611 Datasheet HTML 6Page - ON Semiconductor NB6L611 Datasheet HTML 7Page - ON Semiconductor NB6L611 Datasheet HTML 8Page - ON Semiconductor NB6L611 Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NB6L611
http://onsemi.com
7
LVPECL
Driver
VCC
VEE
ZO = 50 W
VT = VCC − 2 V
ZO = 50 W
NB6L611
D
50 W
50 W
D
VEE
Figure 10. LVPECL Interface
LVDS
Driver
VCC
VEE
ZO = 50 W
VT = Open
ZO = 50 W
NB6L611
D
50 W
50 W
D
VEE
Figure 11. LVDS Interface
VCC
VCC
CML
Driver
VCC
VEE
ZO = 50 W
VT = VCC
ZO = 50 W
NB6L611
D
50 W
50 W
D
VEE
VCC
Figure 12. Standard 50 W Load CML Interface
Differential
Driver
VCC
VEE
ZO = 50 W
VT = VREFAC*
ZO = 50 W
NB6L611
D
50 W
50 W
D
VEE
VCC
Figure 13. Capacitor−Coupled
Differential Interface
(VT Connected to VREFAC)
*VREFAC bypassed to ground with a 0.01 mF capacitor
Single−Ended
Driver
VCC
VEE
ZO = 50 W
VT = VREFAC*
NB6L611
D
50 W
50 W
D
VEE
VCC
Figure 14. Capacitor−Coupled
Single−Ended Interface
(VT Connected to VREFAC)
(Open)


Similar Part No. - NB6L611

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB6L11 ONSEMI-NB6L11 Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NB6L11 ONSEMI-NB6L11 Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11D ONSEMI-NB6L11D Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NB6L11D ONSEMI-NB6L11D Datasheet
212Kb / 12P
   2.5 V/3.3 V Multilevel Input to Differential LVPECL/LVNECL 1:2 Clock or Data Fanout Buffer/Translator
November, 2006 ??Rev. 6
NB6L11D ONSEMI-NB6L11D Datasheet
202Kb / 20P
   Evaluation Board Manual for High Frequency SOIC 8
August, 2004 ??Rev. 1
More results

Similar Description - NB6L611

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICS853S9252I IDT-ICS853S9252I Datasheet
402Kb / 21P
   2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer
logo
Renesas Technology Corp
ICS853S9252I RENESAS-ICS853S9252I Datasheet
695Kb / 22P
   2.5V, 3.3V ECL/LVPECL Clock/Data Fanout Buffer
JUNE 14, 2017
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585 Datasheet
159Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer / Translator
December, 2009 ??Rev. 1
logo
Integrated Device Techn...
IDT8T73S208I IDT-IDT8T73S208I Datasheet
1Mb / 22P
   2.5V, 3.3V Differential LVPECL Clock Divider and Fanout Buffer
logo
ON Semiconductor
NB7L585 ONSEMI-NB7L585_14 Datasheet
94Kb / 9P
   2.5V / 3.3V Differential 2:1 Mux Input to 1:6 LVPECL Clock/Data Fanout Buffer Translator
July, 2014 ??Rev. 2
logo
Asahi Kasei Microsystem...
AK8181H AKM-AK8181H Datasheet
542Kb / 12P
   2.5V, 3.3V LVPECL 1:10 Clock Fanout Buffer
AK8181C AKM-AK8181C Datasheet
446Kb / 8P
   3.3V LVPECL 1:2 Clock Fanout Buffer
logo
ON Semiconductor
NB3L8533 ONSEMI-NB3L8533 Datasheet
157Kb / 10P
   2.5V/3.3V Differential 2:1 MUX to 4 LVPECL Fanout Buffer
December, 2014 ??Rev. 1
logo
Micrel Semiconductor
SY89311U MICREL-SY89311U_06 Datasheet
474Kb / 6P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
SY89311U MICREL-SY89311U_14 Datasheet
309Kb / 10P
   2.5V/3.3V/5V 1:2 DIFFERENTIAL PECL/LVPECL/ECL FANOUT BUFFER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com