Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB6L72M Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NB6L72M
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB6L72M Datasheet(HTML) 1 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
December, 2006 − Rev. 0
1
Publication Order Number:
NB6L72M/D
NB6L72M
2.5V / 3.3V Differential 2 X 2
Crosspoint Switch with
CML Outputs
Multi−Level Inputs w/ Internal Termination
Description
The NB6L72M is a high−bandwidth fully differential 2 x 2
Crosspoint Switch with internal source termination and CML output
structure, optimized for low skew and minimal jitter.. The differential
inputs incorporate internal 50
W termination resistors and will accept
LVPECL, CML, LVDS, LVCMOS, or LVTTL logic levels. The
SELECT inputs are single−ended and can be driven with
LVCMOS/LVTTL.
The 16 mA differential CML outputs provide matching internal
50
W terminations and 400 mV output swings when externally
terminated with a 50
W resistor to VCC.
The device is offered in a small 3 mm x 3 mm 16−pin QFN package.
The NB6L72M is a member of the ECLinPS MAX
™ family of
high performance products.
Features
Maximum Input Clock Frequency > 3.0 GHz
Maximum Input Data Rate > 5 Gb/s
360 ps Typical Propagation Delay
65 ps Typical Rise and Fall Times
Differential CML Outputs, 400 mV peak−to−peak, typical
Operating Range: VCC = 2.375 V to 3.63 V with GND = 0 V
Internal Input and Output Termination Resistors, 50 W
Functionally Compatible with Existing 2.5 V / 3.3 V LVEL, LVEP,
EP, and SG Devices
−40°C to +85°C Ambient Operating Temperature
These are Pb−Free Devices
A
= Assembly Location
L
= Wafer Lot
Y
= Year
W
= Work Week
G
= Pb−Free Package
(Note: Microdot may be in either location)
*For additional marking information, refer to
Application Note AND8002/D.
MARKING
DIAGRAM*
QFN−16
MN SUFFIX
CASE 485G
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 9 of this data sheet.
ORDERING INFORMATION
1
NB6L
72
ALYWG
G
16
1


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn