Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB6L72M Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NB6L72M
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with CML Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB6L72M Datasheet(HTML) 6 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB6L72M
http://onsemi.com
6
Table 6. AC CHARACTERISTICS VCC = 2.375 V to 3.63 V, GND = 0 V, or VCC = 0 V, GND = −2.375 V to −3.63 V,
TA = −40°C to +85°C; (Note 10)
Symbol
Characteristic
Min
Typ
Max
Unit
VOUTPP Output Voltage Amplitude (@ VINPPmin)fin ≤ 3 GHz
(Note 15) (See Figure 4)
250
380
mV
tPLH,
tPHL
Propagation Delay (@0.5GHz)
Dn to Qn
SELn to Qn
230
360
480
ps
tSKEW
Duty Cycle Skew (Note 11)
Within Device Skew
Device to Device Skew (Note 12)
6.0
20
25
85
ps
tDC
Output Clock Duty Cycle
fin ≤ 3.0 GHz
(Reference Duty Cycle = 50%)
40
50
60
%
tJITTER
RMS Random Clock Jitter (Note 13)
fin ≤ 3.0 GHz
Peak−to−Peak Data Dependent Jitter
fin = 2.5 Gb/s
(Note 14)
fin = 3.0 Gb/s
0.2
5.0
8.0
0.5
15
25
ps
VINPP
Input Voltage Swing/Sensitivity
(Differential Configuration) (Note 15)
150
2800
mV
tr, tf
Output Rise/Fall Times @ 0.5 GHz, (20% − 80%),
Q, Q
65
120
ps
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
10.Measured by forcing VINPP (minimum) from a 50% duty cycle clock source. All loading with an external RL = 50 W to VCC. Input edge rates
40 ps (20% − 80%).
11. Duty cycle skew is measured between differential outputs using the deviations of the sum of Tpw− and Tpw+ @ 0.5GHz.
12.Device to device skew is measured between outputs under identical transition @ 0.5 GHz.
13.Additive RMS jitter with 50% duty cycle clock signal.
14.Additive peak−to−peak data dependent jitter with input NRZ data at PRBS23.
15.Input and output voltage swing is a single−ended measurement operating in differential mode.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn