Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB6L72 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NB6L72
Description  2.5V / 3.3V Differential 2 X 2 Crosspoint Switch with LVPECL Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB6L72 Datasheet(HTML) 5 Page - ON Semiconductor

  NB6L72 Datasheet HTML 1Page - ON Semiconductor NB6L72 Datasheet HTML 2Page - ON Semiconductor NB6L72 Datasheet HTML 3Page - ON Semiconductor NB6L72 Datasheet HTML 4Page - ON Semiconductor NB6L72 Datasheet HTML 5Page - ON Semiconductor NB6L72 Datasheet HTML 6Page - ON Semiconductor NB6L72 Datasheet HTML 7Page - ON Semiconductor NB6L72 Datasheet HTML 8Page - ON Semiconductor NB6L72 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
NB6L72
http://onsemi.com
5
Table 5. DC CHARACTERISTICS, Multi−Level Inputs VCC = 2.375 V to 3.63 V, GND = 0 V, TA = −40°C to +85°C
Symbol
Characteristic
Min
Typ
Max
Unit
POWER SUPPLY CURRENT
ICC
Power Supply Current (Inputs and Outputs Open)
40
60
80
mA
LVPECL OUTPUTS (Notes 4 and 5)
VOH
Output HIGH Voltage
VCC = 3.3 V
VCC = 2.5 V
VCC − 1075
2225
1425
VCC − 950
2350
1550
VCC − 825
2475
1675
mV
VOL
Output LOW Voltage
VCC = 3.3 V
VCC = 2.5 V
VCC − 1825
1475
675
VCC − 1725
1575
775
VCC − 1625
1675
875
mV
DIFFERENTIAL INPUT DRIVEN SINGLE−ENDED (see Figures 4 and 5) (Note 6)
Vth
Input Threshold Reference Voltage Range (Note 7)
1125
VCC − 75
mV
VIH
Single−ended Input HIGH Voltage
Vth + 75
VCC
mV
VIL
Single−ended Input LOW Voltage
GND
Vth − 75
mV
VISE
Single−ended Input Voltage Amplitude (VIH − VIL)
150
2800
mV
DIFFERENTIAL INPUTS DRIVEN DIFFERENTIALLY (see Figures 7 and 9)
VIHD
Differential Input HIGH Voltage
1200
VCC
mV
VILD
Differential Input LOW Voltage
GND
VCC − 150
mV
VID
Differential Input Voltage (Dn, Dn) (VIHD − VILD)
150
2800
mV
VCMR
Input Common Mode Range (Differential Configuration) (Note 9)
1125
VCC – 75
mV
IIH
Input HIGH Current Dn/Dn, (VTDn/VTDn Open)
−10
50
mA
IIL
Input LOW Current Dn/Dn, (VTDn/VTDn Open)
−50
10
mA
SINGLE−ENDED LVCMOS/LVTTL CONTROL INPUTS
VIH
Single−ended Input HIGH Voltage
2000
VCC
mV
VIL
Single−ended Input LOW Voltage
GND
800
mV
IIH
Input HIGH Current
−10
10
mA
IIL
Input LOW Current
−150
0
mA
TERMINATION RESISTORS
RTIN
Internal Input Termination Resistor
40
50
60
W
NOTE: Device will meet the specifications after thermal equilibrium has been established when mounted in a test socket or printed circuit
board with maintained transverse airflow greater than 500 lfpm. Electrical parameters are guaranteed only over the declared
operating temperature range. Functional operation of the device exceeding these conditions is not implied. Device specification limit
values are applied individually under normal operating conditions and not valid simultaneously.
4. LVPECL outputs loaded with 50 W to VCC − 2.0 V for proper operation.
5. Input and output parameters vary 1:1 with VCC.
6. Vth, VIH, VIL,, and VISE parameters must be complied with simultaneously.
7. Vth is applied to the complementary input when operating in single−ended mode.
8. VIHD, VILD, VID and VCMR parameters must be complied with simultaneously.
9. VCMR minimum varies 1:1 with GND, VCMR max varies 1:1 with VCC. The VCMR range is referenced to the most positive side of the differential
input signal.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn