Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2865ACP-RL Datasheet(PDF) 1 Page - Analog Devices

Part # ADN2865ACP-RL
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2865ACP-RL Datasheet(HTML) 1 Page - Analog Devices

  ADN2865ACP-RL Datasheet HTML 1Page - Analog Devices ADN2865ACP-RL Datasheet HTML 2Page - Analog Devices ADN2865ACP-RL Datasheet HTML 3Page - Analog Devices ADN2865ACP-RL Datasheet HTML 4Page - Analog Devices ADN2865ACP-RL Datasheet HTML 5Page - Analog Devices ADN2865ACP-RL Datasheet HTML 6Page - Analog Devices ADN2865ACP-RL Datasheet HTML 7Page - Analog Devices ADN2865ACP-RL Datasheet HTML 8Page - Analog Devices ADN2865ACP-RL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
Continuous Rate 12.3Mb/s to 2.7Gb/s
Clock and Data Recovery IC w/Loop Timed SERDES
Preliminary Technical Data
ADN2865
Rev.PrA
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2006 Analog Devices, Inc. All rights reserved.
FEATURES
Serial data input: 12.3 Mb/s to 2.7 Gb/s
Exceeds ITU-T Jitter Specifications
Integrated Limiting Amp: 6mV sensitivity
Adjustable slice level: ±100 mV
Patented dual-loop clock recovery architecture
Programmable LOS detect and Slice Level
Integrated PRBS Generator and Detector
No reference clock required
Loss of lock indicator
Rate Selectivity without the use of a reference clock
I2C™ interface to access optional features
Single-supply operation: 3.3 V
Low power: 1.0W
8 mm × 8 mm 56-lead LFCSP
APPLICATIONS
Passive Optical Network s
SONET OC-1/3/12/48 and all associated FEC rates
Fibre Channel, 2× Fibre Channel , GbE, HDTV, etc.
WDM transponders
Test equipment
PRODUCT DESCRIPTION
The ADN2865 provides the receiver functions of quantization,
signal level detect, and clock and data recovery for continuous
data rates from 12.3 Mb/s to 2.7 Gb/s. An integrated
deserialiser supports 8 bit parallel transfer to an FPGA or digital
ASIC. The recovered clock can simultaneously serialize data
supplied in an 8 bit parallel format.
The ADN2865 automatically locks to all data rates without the
need for an external reference clock or programming. All
SONET jitter requirements are exceeded, including jitter
transfer, jitter generation, and jitter tolerance. All specifications
are quoted for −40°C to +85°C ambient temperature, unless
otherwise noted.
This device, together with a PIN diode and a TIA preamplifier,
can implement a highly integrated, low cost, low power fiber
optic receiver.
The ADN2865 have many optional features available via an I2C
interface, e.g. the user can read back the data rate that the
ADN2865 is locked on to, or the user can set the device to only
lock to one particular data rate if provisioning of data rates is
required.
FUNCTIONAL BLOCK DIAGRAM
Figure 1 ADN2865 Functional Block Diagram


Similar Part No. - ADN2865ACP-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2860 AD-ADN2860 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860-EVAL AD-ADN2860-EVAL Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ25-RL7 AD-ADN2860ACPZ25-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860ACPZ250-RL7 AD-ADN2860ACPZ250-RL7 Datasheet
290Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. A
ADN2860 AD-ADN2860_15 Datasheet
403Kb / 20P
   3-Channel Digital Potentiometer with Nonvolatile Memory
REV. B
More results

Similar Description - ADN2865ACP-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2817 AD-ADN2817 Datasheet
322Kb / 35P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2812 AD-ADN2812 Datasheet
478Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery IC with Integrated Limiting Amp
REV. 0
ADN2814 AD-ADN2814 Datasheet
336Kb / 28P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC with Integrated Limiting Amp
Rev. PrA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com