Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB4N527S Datasheet(PDF) 6 Page - ON Semiconductor

Part No. NB4N527S
Description  3.3V, 2.5Gb/s Dual AnyLevel™ to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4N527S Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NB4N527S Datasheet HTML 2Page - ON Semiconductor NB4N527S Datasheet HTML 3Page - ON Semiconductor NB4N527S Datasheet HTML 4Page - ON Semiconductor NB4N527S Datasheet HTML 5Page - ON Semiconductor NB4N527S Datasheet HTML 6Page - ON Semiconductor NB4N527S Datasheet HTML 7Page - ON Semiconductor NB4N527S Datasheet HTML 8Page - ON Semiconductor NB4N527S Datasheet HTML 9Page - ON Semiconductor NB4N527S Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NB4N527S
http://onsemi.com
6
TIME (58 ps/div)
Figure 5. Typical Output Waveform at 2.488 Gb/s with PRBS 223−1 and OC48 mask
(VINPP = 100 mV; Input Signal DDJ = 14 ps)
Device DDJ = 10 ps
RC
RC
1.25 k
W
1.25 k
W
1.25 k
W
1.25 k
W
50
W
50
W
Dx
VTDx
VTDx
Dx
Figure 6. Input Structure
I


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NB4L16M 2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1  2  3  4  5  More ON Semiconductor
ATR0841 4-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1  2  3  4  5  More ATMEL Corporation
NB4L858M 2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1  2  3  4  5  More ON Semiconductor
CS5422 Dual Out−of−Phase Synchronous Buck Controller with Current Limit 1  2  3  4  5  More ON Semiconductor
EMD4DXV6T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  ON Semiconductor
NB4N316M 3.3 V AnyLevel Receiver to CML Driver/Translator with Input Hysteresis 1  2  3  4  5  More ON Semiconductor
ADCMP341 Dual Comparators with 400mV Reference and programmable Hysteresis 1  2  3  4  5  More Analog Devices
ADCMP361 Single Comparator with 400mV Reference and Dual Polarity Outputs 1  2  3  4  5  More Analog Devices
EMF5XV6T5 Power Management Dual Transistors NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  More ON Semiconductor
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn