Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB4N441 Datasheet(PDF) 4 Page - ON Semiconductor

Part No. NB4N441
Description  3.3V Serial Input MultiProtocol PLL Clock Synthesizer, Differential LVPECL Output
Download  12 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

NB4N441 Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
NB4N441
http://onsemi.com
4
Table 2. STANDARD PROTOCOL / OUTPUT FREQUENCY SELECT TABLE WITH 27 MHz CRYSTAL REFERENCE
#
Protocol
CLKOUT (MHz)
Input Prescaler
Divider P[4:0]
PLL FB Divider
M[9:0]
Output Frequency Divider
OUTDIV N[2:0]
0
OC−3 /STM−1
155.52
11001
1001000000
010
0
OC−12 / STM−4
155.52
11001
1001000000
010
0
OC−48 / STM−16
155.52
11001
1001000000
010
1
ETR
32
11011
1000000000
100
2
OC−1
51.84
11001
1100000000
100
3
Fast Ethernet
50
11011
1100100000
100
3
ESCON
50
11011
1100100000
100
4
FDDI
125
11011
0111110100
010
4
Infiniband
125
11011
0111110100
010
4
Gigabit Ethernet
125
11011
0111110100
010
4
PCIe
125
11011
0111110100
010
5
1/8 Fibre Channel
13.28125
11011
0110101001
101
6
1/4 Fibre Channel
26.5625
11011
1101010010
101
7
1/2 Fibre Channel
53.125
11011
1101010010
100
8
Fibre Channel
106.25
11011
1101010010
011
9
General
150
11011
1001011000
010
10
D1 Video
69
11011
1000101000
011
11
SONET Reference
19.44
11001
1001000000
101
12
2x Fibre Channel
212.5
11011
1101010010
010
13
4x Fibre Channel
425
11011
1101010010
001
14
XAUI
156.25
11011
1001110001
010
15
Serial ATA
100
11011
1100100000
011
16
HDTV
74.25
11011
1001010010
011
17
HDTV
148.50
11011
1001010010
010
Table 3. N−DIVIDER TABLE
N2
N1
N0
N Divider
0
0
0
na
0
0
1
B2
0
1
0
B4
0
1
1
B8
1
0
0
B16
1
0
1
B32
1
1
0
na
1
1
1
na


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn