Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB4L858M Datasheet(PDF) 2 Page - ON Semiconductor

Part No. NB4L858M
Description  2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L858M Datasheet(HTML) 2 Page - ON Semiconductor

  NB4L858M Datasheet HTML 1Page - ON Semiconductor NB4L858M Datasheet HTML 2Page - ON Semiconductor NB4L858M Datasheet HTML 3Page - ON Semiconductor NB4L858M Datasheet HTML 4Page - ON Semiconductor NB4L858M Datasheet HTML 5Page - ON Semiconductor NB4L858M Datasheet HTML 6Page - ON Semiconductor NB4L858M Datasheet HTML 7Page - ON Semiconductor NB4L858M Datasheet HTML 8Page - ON Semiconductor NB4L858M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
NB4L858M
http://onsemi.com
2
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1
2345
678
24
23
22
21
20
19
18
17
16
GND
VCC QA0 QA0 VCC
VCC
QA1
QA1
QB1
VCC
QB0
VCC
GND
VCC
VTDA0
DA0
QB1
QB0
VTDB0
SELB0
SELA1
DB1
DB0
DA0
DA1
VTDA1
DA1
SELA0
VTDB1 DB1
DB0
SELB1
Figure 1. Pin Configuration (Top View)
LQFP−32
Table 1. TRUTH TABLE
SELA0/SELB0
SELA1/SELB1
QA0/QB0
QA1/QB1
Function
L
L
DA0/DB0
DA0/DB0
1:2 Fanout or Redundant Distribution
L
H
DA0/DB0
DA1/DB1
Quad Repeater or Crosspoint Switch
H
L
DA1/DB1
DA0/DB0
Quad Repeater or Crosspoint Switch
H
H
DA1/DB1
DA1/DB1
1:2 Fanout or Redundant Distribution


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NB4L16M 2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1  2  3  4  5  More ON Semiconductor
ATR0841 4-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1  2  3  4  5  More ATMEL Corporation
ADCMP361 Single Comparator with 400mV Reference and Dual Polarity Outputs 1  2  3  4  5  More Analog Devices
ZL50062 16K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc
ADM1192 Digital Power Monitor with Clear Pin and ALERT Output 1  2  3  4  5  More Analog Devices
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor
EMD4DXV6T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  ON Semiconductor
SN74SSTE32882 28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1  2  3  4  5  More Texas Instruments
MC100EP16F 3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing 1  2  3  4  5  More ON Semiconductor
MC100EP16VB 3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn