Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB4L858M Datasheet(PDF) 1 Page - ON Semiconductor

Part No. NB4L858M
Description  2.5V/3.3V, 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L858M Datasheet(HTML) 1 Page - ON Semiconductor

  NB4L858M Datasheet HTML 1Page - ON Semiconductor NB4L858M Datasheet HTML 2Page - ON Semiconductor NB4L858M Datasheet HTML 3Page - ON Semiconductor NB4L858M Datasheet HTML 4Page - ON Semiconductor NB4L858M Datasheet HTML 5Page - ON Semiconductor NB4L858M Datasheet HTML 6Page - ON Semiconductor NB4L858M Datasheet HTML 7Page - ON Semiconductor NB4L858M Datasheet HTML 8Page - ON Semiconductor NB4L858M Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2005
December, 2005 − Rev. 9
1
Publication Order Number:
NB4L858M/D
NB4L858M
2.5V/3.3V, 3 GHz Dual
Differential Clock/Data 2x2
Crosspoint Switch with
CML Output and Internal
Termination
Description
The NB4L858M is a high−bandwidth low voltage fully differential
dual 2 x 2 crosspoint switch with CML outputs that is suitable for
applications such as SDH/SONET DWDM and high speed switching
applications. Design technique minimizes jitter accumulation,
crosstalk, and signal skew which make this device ideal for
loop−through and protection channel switching application. Each
2 x 2 crosspoint switch can fan out and/or multiplex up to 3 Gb/s data
and 3 GHz clock signals.
Differential inputs incorporate a pair of internal 50
W termination
resistors in a center−tapped configuration (VTDx Pins) and can accept
LVPECL (Positive ECL) or CML input signal without any external
component. This feature provides transmission line termination
on−chip, at the receiver end, eliminating external components.
Differential 16 mA CML output provides matching internal 50
W
terminations, and 400 mV output swings when externally terminated,
50
W to VCC.
The SELECT inputs are single−ended and can be driven with either
LVCMOS or LVTTL input levels. The device is housed in a low
profile 7 x 7 mm 32−pin LQFP package.
Features
Maximum Input Clock Frequency 3 GHz
Maximum Input Data Frequency 3 Gb/s
350 ps Typical Propagation Delay
80 ps Typical Rise and Fall Times
12 ps Channel to Channel Skew
0.5 ps RMS Jitter
5 ps Deterministic Jitter @ 2.5 Gb/s
Operating Range: VCC = 2.3V to 3.6 V with GND = 0 V
CML Output Level (400 mV Peak−to−Peak Output), Differential
Output
These are Pb−Free Devices
32
1
LQFP−32
FA SUFFIX
CASE 873A
MARKING
DIAGRAM*
NB4L
858M
AWLYYWW
http://onsemi.com
*For additional marking information, refer to
Application Note AND8002/D.
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G
= Pb−Free Package
50
W
50
W
50
W
50
W
50
W
50
W
50
W
50
W
SELA0
DA0
VTDA0
DA0
DA1
VTDA1
DA1
DB0
VTDB0
DB0
DB1
VTDB1
DB1
SELA1
SELB0
SELB1
QA0
QA0
QA1
QA1
QB0
QB0
QB1
QB1
A0
A1
B0
B1
0
1
0
1
0
1
0
1
Figure 1. Functional Block Diagram


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
NB4L16M 2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1  2  3  4  5  More ON Semiconductor
ATR0841 4-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1  2  3  4  5  More ATMEL Corporation
ADCMP361 Single Comparator with 400mV Reference and Dual Polarity Outputs 1  2  3  4  5  More Analog Devices
ZL50062 16K-Channel Digital Switch with High Jitter Tolerance Single Rate 2 4 8 or 16Mbps and 64 Inputs and 64 Outputs 1  2  3  4  5  More Zarlink Semiconductor Inc
ADM1192 Digital Power Monitor with Clear Pin and ALERT Output 1  2  3  4  5  More Analog Devices
FXL2TD245 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent 1  2  3  4  5  More Fairchild Semiconductor
EMD4DXV6T1 Dual Bias Resistor Transistors NPN and PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1  2  3  4  5  ON Semiconductor
SN74SSTE32882 28-Bit to 56-Bit Registered Buffer With Address Parity Test and One Pair to Four Pair Differential Clock PLL Driver 1  2  3  4  5  More Texas Instruments
MC100EP16F 3.3V / 5V ECL Differential Receiver/Driver With Reduced Output Swing 1  2  3  4  5  More ON Semiconductor
MC100EP16VB 3.3V / 5V ECL Differential Receiver/Driver with High and Low Gain 1  2  3  4  5  More ON Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn