Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADN2818ACP Datasheet(PDF) 22 Page - Analog Devices

Part # ADN2818ACP
Description  Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery ICs
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2818ACP Datasheet(HTML) 22 Page - Analog Devices

Back Button ADN2818ACP Datasheet HTML 18Page - Analog Devices ADN2818ACP Datasheet HTML 19Page - Analog Devices ADN2818ACP Datasheet HTML 20Page - Analog Devices ADN2818ACP Datasheet HTML 21Page - Analog Devices ADN2818ACP Datasheet HTML 22Page - Analog Devices ADN2818ACP Datasheet HTML 23Page - Analog Devices ADN2818ACP Datasheet HTML 24Page - Analog Devices ADN2818ACP Datasheet HTML 25Page - Analog Devices ADN2818ACP Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
ADN2817/ADN2818
Preliminary Technical Data
Rev. PrA | Page 22 of 35
peak-to-peak differential amplitude of greater than 100 mV (for
example, LVPECL or LVDS) or a standard single-ended low
voltage TTL input, providing maximum system flexibility.
Phase noise and duty cycle of the reference clock are not critical
and 100 ppm accuracy is sufficient.
REFCLKP
REFCLKN
ADN2817/18
Buffer
VCC/2
100k
100k
10
11
Figure 21. Differential REFCLK Configuration
REFCLKP
REFCLKN
ADN2817/18
Buffer
VCC/2
100k
100k
x
CLK
OSC
VCC
OUT
10
11
Figure 22. Single-Ended REFCLK Configuration
REFCLKP
REFCLKN
ADN2817/18
Buffer
VCC/2
100k
100k
VCC
NC
10
11
Figure 23. No REFCLK Configuration
The two uses of the reference clock are mutually exclusive. The
reference clock can be used either as an acquisition aid for the
ADN2817/ADN2818 to lock onto data, or to measure the
frequency of the incoming data to within 0.01%. (There is the
capability to measure the data rate to approximately ±10%
without the use of a reference clock.) The modes are mutually
exclusive, because, in the first use, the user knows exactly what
the data rate is and wants to force the part to lock onto only that
data rate; in the second use, the user does not know what the
data rate is and wants to measure it.
Lock to reference mode is enabled by writing a 1 to I2C Register
Bit CTRLA[0]. Fine data rate readback mode is enabled by
writing a 1 to I2C Register Bit CTRLA[1]. Writing a 1 to both of
these bits at the same time causes an indeterminate state and is
not supported.
Using the Reference Clock to Lock onto Data
In this mode, the ADN2817/ADN2818 locks onto a frequency
derived from the reference clock according to the following
equation:
Data Rate/2CTRLA[5:2] = REFCLK/2CTRLA[7:6]
The user must know exactly what the data rate is, and provide a
reference clock that is a function of this rate. The
ADN2817/ADN2818 can still be used as a continuous rate
device in this configuration, provided that the user has the
ability to provide a reference clock that has a variable frequency
(see Application Note AN-632).
The reference clock can be anywhere between 12.3 MHz and
200 MHz. By default, the ADN2817/ADN2818 expects a
reference clock of between 12.3 MHz and 25 MHz. If it is
between 25 MHz and 50 MHz, 50 MHz and 100 MHz, or 100
MHz and 200 MHz, the user needs to configure the
ADN2817/ADN2818 to use the correct reference frequency
range by setting two bits of the CTRLA register, CTRLA[7:6].
Table 12. CTRLA Settings
CTRLA[7:6]
Range (MHz)
CTRLA[5:2]
Ratio
00
12.3 to 25
0000
1
01
25 to 50
0001
2
10
50 to 100
n
2n
11
100 to 200
1000
256
The user can specify a fixed integer multiple of the reference
clock to lock onto using CTRLA[5:2], where CTRLA should be
set to the data rate/DIV_FREF, where DIV_FREF represents the
divided-down reference referred to the 12.3 MHz to 25 MHz
band. For example, if the reference clock frequency was
38.88 MHz and the input data rate was 622.08 Mb/s, then
CTRLA[7:6] would be set to [01] to give a divided-down
reference clock of 19.44 MHz. CTRLA[5:2] would be set to
[0101], that is, 5, because
622.08 Mb/s/19.44 MHz = 25
In this mode, if the ADN2817/ADN2818 loses lock for any
reason, it relocks onto the reference clock and continues to
output a stable clock.
While the ADN2817/ADN2818 is operating in lock to reference
mode, if the user ever changes the reference frequency, the FREF
range (CTRLA[7:6]), or the FREF ratio (CTRLA[5:2]), this must
be followed by writing a 0 to 1 transition into the CTRLA[0] bit
to initiate a new lock to reference command.
Using the Reference Clock to Measure Data Frequency
The user can also provide a reference clock to measure the
recovered data frequency. In this case, the user provides a
reference clock, and the ADN2817/ADN2818 compares the
frequency of the incoming data to the incoming reference clock


Similar Part No. - ADN2818ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2818ACPZ AD-ADN2818ACPZ Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL AD-ADN2818ACPZ-RL Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818ACPZ-RL7 AD-ADN2818ACPZ-RL7 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results

Similar Description - ADN2818ACP

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2865 AD-ADN2865 Datasheet
455Kb / 33P
   Continuous Rate 12.3Mb/s to 2.7Gb/s Clock and Data Recovery IC w/Loop Timed SERDES
Rev.PrA
logo
Vitesse Semiconductor C...
VSC8123 VITESSE-VSC8123 Datasheet
267Kb / 1P
   10Mb/s to 2.7Gb/s Rate Agile, Adaptive Clock and Data Recovery
logo
Analog Devices
ADN2812ACPZ-RL7 AD-ADN2812ACPZ-RL7 Datasheet
409Kb / 28P
   Continuous Rate 12.3 Mb/s to 2.7 Gb/s Clock and Data Recovery
Rev. E
ADN2816 AD-ADN2816 Datasheet
299Kb / 27P
   Continuous Rate 12.3 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. PrA
ADN2815 AD-ADN2815_15 Datasheet
385Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. C
ADN2816ACPZ AD-ADN2816ACPZ Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
Rev. C
ADN2815 AD-ADN2815 Datasheet
454Kb / 24P
   Continuous Rate 10 Mb/s to 1.25 Gb/s Clock and Data Recovery IC
REV. 0
ADN2816 AD-ADN2816_15 Datasheet
395Kb / 24P
   Continuous Rate 10 Mb/s to 675 Mb/s Clock and Data Recovery IC
REV. C
ADN2817 AD-ADN2817_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
ADN2818 AD-ADN2818_15 Datasheet
813Kb / 40P
   Continuous Rate 10 Mbps to 2.7 Gbps Clock and Data Recovery ICs
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com