Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB4L16M Datasheet(PDF) 12 Page - ON Semiconductor

Part # NB4L16M
Description  2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB4L16M Datasheet(HTML) 12 Page - ON Semiconductor

Back Button NB4L16M Datasheet HTML 4Page - ON Semiconductor NB4L16M Datasheet HTML 5Page - ON Semiconductor NB4L16M Datasheet HTML 6Page - ON Semiconductor NB4L16M Datasheet HTML 7Page - ON Semiconductor NB4L16M Datasheet HTML 8Page - ON Semiconductor NB4L16M Datasheet HTML 9Page - ON Semiconductor NB4L16M Datasheet HTML 10Page - ON Semiconductor NB4L16M Datasheet HTML 11Page - ON Semiconductor NB4L16M Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
NB4L16M
http://onsemi.com
12
PACKAGE DIMENSIONS
16 PIN QFN
CASE 485G−01
ISSUE B
16X
SEATING
PLANE
L
D
E
0.15 C
A
A1
e
D2
E2
b
1
4
58
12
9
16
13
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ASME Y14.5M, 1994.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION b APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
5. Lmax CONDITION CAN NOT VIOLATE 0.2 MM
MINIMUM SPACING BETWEEN LEAD TIP
AND FLAG
B
A
0.15 C
TOP VIEW
SIDE VIEW
BOTTOM VIEW
PIN 1
LOCATION
0.10 C
0.08 C
(A3)
C
16 X
e
16X
NOTE 5
0.10 C
0.05 C
A B
NOTE 3
K
16X
DIM MIN
MAX
MILLIMETERS
A
0.80
1.00
A1
0.00
0.05
A3
0.20 REF
b
0.18
0.30
D
3.00 BSC
D2
1.65
1.85
E
3.00 BSC
E2
1.65
1.85
e
0.50 BSC
K
0.20
−−−
L
0.30
0.50
EXPOSED PAD
mm
inches
SCALE 10:1
0.50
0.02
0.575
0.022
1.50
0.059
3.25
0.128
0.30
0.012
3.25
0.128
0.30
0.012
EXPOSED PAD
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOLDERING FOOTPRINT*
ON Semiconductor and
are registered trademarks of Semiconductor Components Industries, LLC (SCILLC). SCILLC reserves the right to make changes without further notice
to any products herein. SCILLC makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose, nor does SCILLC assume any liability
arising out of the application or use of any product or circuit, and specifically disclaims any and all liability, including without limitation special, consequential or incidental damages.
“Typical” parameters which may be provided in SCILLC data sheets and/or specifications can and do vary in different applications and actual performance may vary over time. All
operating parameters, including “Typicals” must be validated for each customer application by customer’s technical experts. SCILLC does not convey any license under its patent rights
nor the rights of others. SCILLC products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other applications
intended to support or sustain life, or for any other application in which the failure of the SCILLC product could create a situation where personal injury or death may occur. Should
Buyer purchase or use SCILLC products for any such unintended or unauthorized application, Buyer shall indemnify and hold SCILLC and its officers, employees, subsidiaries, affiliates,
and distributors harmless against all claims, costs, damages, and expenses, and reasonable attorney fees arising out of, directly or indirectly, any claim of personal injury or death
associated with such unintended or unauthorized use, even if such claim alleges that SCILLC was negligent regarding the design or manufacture of the part. SCILLC is an Equal
Opportunity/Affirmative Action Employer. This literature is subject to all applicable copyright laws and is not for resale in any manner.
PUBLICATION ORDERING INFORMATION
N. American Technical Support: 800−282−9855 Toll Free
USA/Canada
Japan: ON Semiconductor, Japan Customer Focus Center
2−9−1 Kamimeguro, Meguro−ku, Tokyo, Japan 153−0051
Phone: 81−3−5773−3850
NB4L16M/D
LITERATURE FULFILLMENT:
Literature Distribution Center for ON Semiconductor
P.O. Box 61312, Phoenix, Arizona 85082−1312 USA
Phone: 480−829−7710 or 800−344−3860 Toll Free USA/Canada
Fax: 480−829−7709 or 800−344−3867 Toll Free USA/Canada
Email: orderlit@onsemi.com
ON Semiconductor Website: http://onsemi.com
Order Literature: http://www.onsemi.com/litorder
For additional information, please contact your
local Sales Representative.


Similar Part No. - NB4L16M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
More results

Similar Description - NB4L16M

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB4L16MMNEVB ONSEMI-NB4L16MMNEVB Datasheet
772Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver/Receiver/Buffer/ Translator with Internal Termination
August, 2016 ??Rev. 4
NBSG16M ONSEMI-NBSG16M Datasheet
81Kb / 12P
   2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2004 ??Rev. 3
NB7L216 ONSEMI-NB7L216 Datasheet
264Kb / 12P
   2.5V/3.3V, 12Gb/s Multi Level Clock/Data Input to RSECL, High Gain Receiver/Buffer/Translator with Internal Termination
August, 2006 ??Rev. 2
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NB7L86M ONSEMI-NB7L86M Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
January, 2006 ??Rev. 3
NB7L86M ONSEMI-NB7L86M_12 Datasheet
1Mb / 12P
   2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination
March, 2012 ??Rev. 7
NB7L11M ONSEMI-NB7L11M Datasheet
202Kb / 11P
   2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB7L14M ONSEMI-NB7L14M Datasheet
230Kb / 11P
   2.5V/3.3VDifferential 1:4 Clock/Data Fanout Buffer/Translator with CML Outputs and Internal Termination
January, 2006 ??Rev. 1
NB4N527S ONSEMI-NB4N527S Datasheet
109Kb / 10P
   3.3V, 2.5Gb/s Dual AnyLevel??to LVDS Receiver/Driver/Buffer/Translator with Internal Input Termination
June, 2006 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com