Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BS107A Datasheet(PDF) 4 Page - NXP Semiconductors

Part No. BS107A
Description  N-channel enhancement mode vertical D-MOS transistor
Download  8 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com
Logo 

BS107A Datasheet(HTML) 4 Page - NXP Semiconductors

   
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
April 1995
4
Philips Semiconductors
Product specification
N-channel enhancement mode vertical
D-MOS transistor
BS107A
CHARACTERISTICS
Tj =25 °C unless otherwise specified
Drain-source breakdown voltage
ID =10 µA; VGS =0
V(BR)DSS
min.
200 V
Drain-source leakage current
VDS = 130 V; VGS =0
IDSS
max.
30 nA
Gate-source leakage current
VGS = 15 V; VDS =0
IGSS
max.
10 nA
Gate threshold voltage
min.
max.
1.0
3.0
V
V
ID = 1 mA; VDS =VGS
VGS(th)
Drain-source ON-resistance
typ.
max.
4.5
6.4
ID = 250 mA; VGS = 10 V
RDSon
ID = 100 mA; VGS = 10 V
RDSon
typ.
max.
4.2
6.0
Transfer admittance
min.
typ.
200
350
mS
mS
ID = 250 mA; VDS = 25 V
 yfs
Input capacitance at f = 1 MHz
VDS = 25 V; VGS =0
Ciss
typ.
45 pF
Output capacitance at f = 1 MHz
VDS = 25 V; VGS =0
Coss
typ.
15 pF
Feedback capacitance at f = 1 MHz
VDS = 25 V; VGS = 0
Crss
typ.
3.5 pF
Switching times (see Figs 2 and 3)
ID = 250 mA; VDD = 50 V; VGS = 0 to 10 V
ton
toff
typ.
typ.
5
15
ns
ns


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn