Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N3011DTG Datasheet(PDF) 5 Page - ON Semiconductor

Part # NB3N3011DTG
Description  3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3011DTG Datasheet(HTML) 5 Page - ON Semiconductor

  NB3N3011DTG Datasheet HTML 1Page - ON Semiconductor NB3N3011DTG Datasheet HTML 2Page - ON Semiconductor NB3N3011DTG Datasheet HTML 3Page - ON Semiconductor NB3N3011DTG Datasheet HTML 4Page - ON Semiconductor NB3N3011DTG Datasheet HTML 5Page - ON Semiconductor NB3N3011DTG Datasheet HTML 6Page - ON Semiconductor NB3N3011DTG Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
NB3N3011
http://onsemi.com
5
APPLICATION INFORMATION
Power Supply Filtering
The NB3N3011 is a mixed analog/digital product, and as
such, it exhibits some sensitivities that would not necessarily
be seen on a fully digital product. Analog circuitry is
naturally susceptible to random noise, especially if this noise
is seen on the power supply pins. The NB3N3011 also
generates sub−nanosecond output edge rates, and therefore,
a good power supply bypassing scheme is a must.
The NB3N3011 provides separate power supplies for the
digital circuitry (VCC) and the internal PLL (VCCA). The
simplest form of noise isolation is a power supply filter on
the VCCA pin.
Figure 8 illustrates a typical power supply filter scheme.
The parallel capacitor combination shown ensures that a low
impedance path to ground exists for frequencies well above
the bandwidth of the PLL.
The purpose of this design technique is to try and isolate
the high switching noise of the digital outputs from the
relatively sensitive internal analog phase−locked loop. The
power supply filter and bypass schemes discussed in this
section should be adequate to eliminate power supply
noise−related problems in most designs.
Crystal Oscillator Input Interface
The NB3N3011 features an integrated crystal oscillator to
minimize system implementation costs. The oscillator
circuit is a parallel resonant circuit and thus, for optimum
performance, a parallel resonant crystal should be used.
As the oscillator is somewhat sensitive to loading on its
inputs, the user is advised to mount the crystal as close to the
NB3N3011 as possible to avoid any board level parasitics.
Surface mount crystals are recommended, but not required.
Figure 9 illustrates a parallel resonant crystal with its
associated load capacitors. The capacitor values shown were
determined using a 26.5625 MHz, 18 pF parallel resonant
crystal and were chosen to minimize the ppm error.
Capacitor values can be adjusted slightly for different board
layouts to optimize accuracy.
Figure 8. Power Supply Filtering
3.3 V
0.01 mF
0.01 mF
10 mF
10 W
VCC
VCCA
Figure 9. Crystal Input Interface
C1
33 pF
X1
18 pF
C2
27 pF
Parallel Crystal
XOUT
XIN
APPLICATION SCHEMATIC
Figure 10 shows a schematic example of the NB3N3011.
An example of LVPECL termination is shown in this
schematic. Additional LVPECL termination approaches are
shown in the AND8020 Application Note. In this example,
an 18 pF parallel resonant 26.5625MHz crystal is used for
generating 106.25 MHz output frequency. The C1 = 27 pF
and C2 = 33 pF are recommended for frequency accuracy.
For different board layout, the C1 and C2 values may be
slightly adjusted for optimizing frequency accuracy.
Figure 10. Typical Application Schematic
R2
10
33 pF
R6
82.5
+
U1
1
2
3
4
8
7
6
5
R3
133
X1
Q
C5
C4
C1
27 pF
R5
133
VCCA
VCC
ZO = 50 W
ZO = 50 W
R4
82.5
VCC
18 pF
C3
0.01 mF
10 mF
VCC
VCCA
C2
VEE
0.1 m
Q
NC
Q
Q
XOUT
XIN
VCC
VCC = 3.3 V


Similar Part No. - NB3N3011DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3010B ONSEMI-NB3N3010B Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3N3010BDG ONSEMI-NB3N3010BDG Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3N3010BDR2G ONSEMI-NB3N3010BDR2G Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3N3010BMNG ONSEMI-NB3N3010BMNG Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3N3010BMNR4G ONSEMI-NB3N3010BMNR4G Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
More results

Similar Description - NB3N3011DTG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3001 ONSEMI-NB3N3001 Datasheet
115Kb / 8P
   3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 1
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
NBXDBA012 ONSEMI-NBXDBA012_09 Datasheet
185Kb / 6P
   3.3 V, 106.25 MHz / 212.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 5
NBXHGA053 ONSEMI-NBXHGA053 Datasheet
115Kb / 6P
   2.5/3.3 V, 50.00 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
NB3N15552MNG ONSEMI-NB3N15552MNG Datasheet
143Kb / 6P
   3.3V PureEdge VCXO Clock Generator with Differential LVPECL Outputs
April, 2012 ??Rev. 0
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NB3N508S ONSEMI-NB3N508S_06 Datasheet
257Kb / 8P
   3.3V, 216 MHz PureEdge VCXO Clock Generator with M?묹VDS Output
October, 2006 ??Rev. 0
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com