Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N3011 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N3011
Description  3.3 V 100 MHz / 106.25 MHz PureEdge Clock Generator with LVPECL Differential Output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3011 Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N3011 Datasheet HTML 1Page - ON Semiconductor NB3N3011 Datasheet HTML 2Page - ON Semiconductor NB3N3011 Datasheet HTML 3Page - ON Semiconductor NB3N3011 Datasheet HTML 4Page - ON Semiconductor NB3N3011 Datasheet HTML 5Page - ON Semiconductor NB3N3011 Datasheet HTML 6Page - ON Semiconductor NB3N3011 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NB3N3011
http://onsemi.com
4
Figure 3. Typical Phase Noise at 106.25 MHz
OFFSET FREQUENCY (Hz)
PARAMETER MEASUREMENT INFORMATION
SCOPE
Q
2 V
Clock
Outputs
20%
80%
80%
20%
Pulse Width
Phase Noise Mask
Offset Frequency
Phase Noise Plot
LVPECL
Figure 4. Output Load AC Test Circuit
(Split Power Supply)
Figure 5. RMS Phase Jitter
Figure 6. Output Duty Cycle/Pulse Width/Period
Figure 7. Output Rise/Fall Time
50 W
50 W
VCC
VEE
−1.3 V " 0.165 V
Z = 50 W
Z = 50 W
f1
f2
tPERIOD
odc +
tPW
tPERIOD
RMS + Area Under the Masked Phase Noise Plot
tR
tF
VSWING
Q
Q
Q
Q
Q


Similar Part No. - NB3N3011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3010B ONSEMI-NB3N3010B Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3N3010BDG ONSEMI-NB3N3010BDG Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3N3010BDR2G ONSEMI-NB3N3010BDR2G Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3N3010BMNG ONSEMI-NB3N3010BMNG Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
NB3N3010BMNR4G ONSEMI-NB3N3010BMNR4G Datasheet
157Kb / 9P
   3.3V, 12.288 MHz Audio Oversampling Clock Generator
May, 2011 ??Rev. 0
More results

Similar Description - NB3N3011

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N3001 ONSEMI-NB3N3001 Datasheet
115Kb / 8P
   3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output
October, 2006 ??Rev. 1
NBXDBA012 ONSEMI-NBXDBA012 Datasheet
152Kb / 6P
   3.3 V, 106.25 MHz 212.5 MHz LVPECL Clock Oscillator
August, 2007 - Rev. 0
NBXDBA012 ONSEMI-NBXDBA012_09 Datasheet
185Kb / 6P
   3.3 V, 106.25 MHz / 212.5 MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 5
NBXHGA053 ONSEMI-NBXHGA053 Datasheet
115Kb / 6P
   2.5/3.3 V, 50.00 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 0
NBXSBA024 ONSEMI-NBXSBA024_11 Datasheet
118Kb / 6P
   2.5 V / 3.3 V, 622.08 MHz LVPECL Clock Oscillator LVPECL Differential Output
April, 2011 ??Rev. 4
NB3N15552MNG ONSEMI-NB3N15552MNG Datasheet
143Kb / 6P
   3.3V PureEdge VCXO Clock Generator with Differential LVPECL Outputs
April, 2012 ??Rev. 0
NBXDPA012 ONSEMI-NBXDPA012 Datasheet
132Kb / 7P
   2.5 V / 3.3 V, 106.25 MHz / 212.5MHz LVDS Clock Oscillator
August, 2009 ??Rev. 0
NB3N508S ONSEMI-NB3N508S_06 Datasheet
257Kb / 8P
   3.3V, 216 MHz PureEdge VCXO Clock Generator with M?묹VDS Output
October, 2006 ??Rev. 0
NBXDBB018_0910 ONSEMI-NBXDBB018_0910 Datasheet
136Kb / 7P
   3.3 V, 155.52 MHz / 311.04MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
NBXDBB017_0910 ONSEMI-NBXDBB017_0910 Datasheet
146Kb / 8P
   3.3 V, 156.25 MHz / 312.5MHz LVPECL Clock Oscillator
October, 2009 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com