Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

X20FF3L Datasheet(PDF) 1 Page - Voltage Multipliers Inc.

Part No. X20FF3L
Description  High Voltage Rectifiers - Surface Mount
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VMI [Voltage Multipliers Inc.]
Homepage  http://www.voltagemultipliers.com
Logo 

X20FF3L Datasheet(HTML) 1 Page - Voltage Multipliers Inc.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
28
www.voltagemultipliers.com
www.highvoltagepowersupplies.com
Dimensions: In. (mm) • All temperatures are ambient unless otherwise noted. • Data subject to change without notice.
TEL.
559-651-1402
FAX
559-651-0740
VOLTAGE MULTIPLIERS INC.
8711 W. Roosevelt Ave.
Visalia, CA 93291
r
e
b
m
u
N
t
r
a
Pg
n
i
k
r
o
W
e
s
r
e
v
e
R
e
g
a
tl
o
V
)
m
w
r
V
(
e
g
a
r
e
v
A
d
e
if
it
c
e
R
t
n
e
r
r
u
C
)
o
I
(
e
s
r
e
v
e
R
t
n
e
r
r
u
C
m
w
r
V
@
)
rI
(
d
r
a
w
r
o
F
e
g
a
tl
o
V
)
f
V
(
e
l
c
y
C
1
e
g
r
u
S
t
n
e
r
r
u
C
s
m
3
.
8
=
p
t
)
m
s
fI
(
e
v
it
it
e
p
e
R
e
g
r
u
S
t
n
e
r
r
u
C
)
m
r
fI
(
e
s
r
e
v
e
R
y
r
e
v
o
c
e
R
e
m
i
T
)
3
(
)
r
r
T
(
l
a
m
r
e
h
T
.
d
p
m
I
θ C-
J
n
o
it
c
n
u
J
.
p
a
C
C
D
V
0
5
@
z
H
k
1
@
)j
C
(
)
1
(
C
°
5
5)
2
(
C
°
0
0
1C
°
5
2C
°
0
0
1C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2C
°
5
2
s
tl
o
VA
mA
mA
µA
µs
tl
o
VA
ms
p
m
As
p
m
As
nW
/
C
°F
p
L
3
F
F
0
2
X
L
3
F
F
0
5
X
0
0
0
2
0
0
0
5
0
2
4
0
5
1
0
1
2
5
7
0
.
1
0
.
1
0
2
0
2
5
.
7
5
.
2
1
0
2
4
0
5
1
6
1
0
1
0
.
3
0
.
1
0
3
0
3
0
.
5
0
.
5
0
.
4
0
.
3
L
5
F
F
0
2
X
L
5
F
F
0
5
X
0
0
0
2
0
0
0
5
0
2
4
0
5
1
0
1
2
5
7
0
.
1
0
.
1
0
2
0
2
5
.
7
5
.
2
1
0
2
4
0
5
1
6
1
0
1
0
.
3
0
.
1
0
5
0
5
0
.
5
0
.
5
0
.
4
0
.
3
U
1
2
5
6
N
1
U
3
2
5
6
N
1
U
5
2
5
6
N
1
0
0
0
2
0
0
0
3
0
0
0
5
0
0
5
0
5
2
0
5
1
0
5
2
5
2
1
5
7
5
.
0
5
.
0
5
.
0
0
2
0
2
0
2
0
.
3
0
.
5
0
.
7
0
0
5
0
5
2
0
5
1
5
2
5
1
0
1
0
.
5
0
.
3
0
.
2
0
7
0
7
0
7
0
.
6
0
.
6
0
.
6
0
.
8
0
.
4
0
.
3
High Voltage Rectifiers - Surface Mount
Markings:
Three Dots for polarity.
ELECTRICAL CHARACTERISTICS AND MAXIMUM RATINGS
.080(2.03)
(2 PL)
B
.150
(3.81)
.022(.56)
Dimension uncontrolled
in this area due to
solder fillet.
.125 ±.005
(3.18 ±.13)
.125 ±.005
(3.18 ±.13)
A
t
r
a
PA
B
L
3
F
F
0
2
X
0
1
0
.
±
5
7
2
.
)
5
2
.
±
9
9
.
6
(
)
7
5
.
4
(
0
8
1
.
L
3
F
F
0
5
X
0
1
0
.
±
0
1
3
.
)
5
2
.
±
7
8
.
7
(
)
6
4
.
5
(
5
1
2
.
L
5
F
F
0
2
X
0
1
0
.
±
5
6
2
.
)
5
2
.
±
3
7
.
6
(
)
2
3
.
4
(
0
7
1
.
L
5
F
F
0
5
X
0
1
0
.
±
0
0
3
.
)
5
2
.
±
2
6
.
7
(
)
1
2
.
5
(
5
0
2
.
U
1
2
5
6
N
1
0
1
0
.
±
5
6
2
.
)
5
2
.
±
3
7
.
6
(
)
2
3
.
4
(
0
7
1
.
U
3
2
5
6
N
1
0
1
0
.
±
0
8
2
.
)
5
2
.
±
1
1
.
7
(
)
0
7
.
4
(
5
8
1
.
U
5
2
5
6
N
1
0
1
0
.
±
0
0
3
.
)
5
2
.
±
2
6
.
7
(
)
1
2
.
5
(
5
0
2
.
(1)TC=55°C (2)TC=100°C (3)If=125mA, Ir=250mA, Irr=63mA *Op. Temp.= -65°C to +175°C Stg. Temp.= -65°C to +200°C
150mA - 500mA • 30ns - 70ns • Hermetic
(1)TC=55°C (2)TC=100°C (3)If=125mA, Ir=250mA, Irr=63mA *Op. Temp.= -65°C to +175°C Stg. Temp.= -65°C to +200°C


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
MURA230T3Surface Mount Ultrafast Power Rectifiers 1 2 3 4 ON Semiconductor
MMT08B350T3Thyristor Surge Protectors High Voltage Bidirectional TSPD 1 2 3 4 5 ON Semiconductor
MXB-0503-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-3HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-2001-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
DMMT5401MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1 2 3 Diodes Incorporated
MVM202P062 000V Surface Mount Multiplier 1 2 Voltage Multipliers Inc.
SP25UFHigh Voltage Rectifier Stacks 1 Voltage Multipliers Inc.
MXB-1001-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn