Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NB3N3001 Datasheet(PDF) 5 Page - ON Semiconductor

Part No. NB3N3001
Description  3.3 V 106.25 MHz/ 212.5 MHz PureEdge Clock Generator with LVPECL Differential Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N3001 Datasheet(HTML) 5 Page - ON Semiconductor

  NB3N3001 Datasheet HTML 1Page - ON Semiconductor NB3N3001 Datasheet HTML 2Page - ON Semiconductor NB3N3001 Datasheet HTML 3Page - ON Semiconductor NB3N3001 Datasheet HTML 4Page - ON Semiconductor NB3N3001 Datasheet HTML 5Page - ON Semiconductor NB3N3001 Datasheet HTML 6Page - ON Semiconductor NB3N3001 Datasheet HTML 7Page - ON Semiconductor NB3N3001 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
NB3N3001
http://onsemi.com
5
PARAMETER MEASUREMENT INFORMATION
SCOPE
Q
2 V
Clock
Outputs
20%
80%
80%
20%
Pulse Width
Phase Noise Mask
Offset Frequency
Phase Noise Plot
LVPECL
Figure 4. Output Load AC Test Circuit
(Split Power Supply)
Figure 5. RMS Phase Jitter
Figure 6. Output Duty Cycle/Pulse Width/Period
Figure 7. Output Rise/Fall Time
50
W
50
W
VCC
VEE
−1.3 V
" 0.165 V
Z = 50
W
Z = 50
W
f1
f2
tPERIOD
odc
+
tPW
tPERIOD
RMS
+ Area Under the Masked Phase Noise Plot
tR
tF
VSWING
Q
Q
Q
Q
Q


Html Pages

1  2  3  4  5  6  7  8 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn