Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NB3N502DG Datasheet(PDF) 4 Page - ON Semiconductor

Part # NB3N502DG
Description  14 MHz to 190 MHz PLL Clock Multiplier
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NB3N502DG Datasheet(HTML) 4 Page - ON Semiconductor

  NB3N502DG Datasheet HTML 1Page - ON Semiconductor NB3N502DG Datasheet HTML 2Page - ON Semiconductor NB3N502DG Datasheet HTML 3Page - ON Semiconductor NB3N502DG Datasheet HTML 4Page - ON Semiconductor NB3N502DG Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
NB3N502
http://onsemi.com
4
APPLICATIONS INFORMATION
High Frequency CMOS/TTL Oscillators
The NB3N502, along with a low frequency fundamental
mode crystal, can build a high frequency CMOS/TTL output
oscillator. For example, a 20 MHz crystal connected to the
NB3N502 with the 5X output selected (S1 = L, S0 = H)
produces a 100 MHz CMOS/TTL output clock.
External Components
Decoupling Instructions
In order to isolate the NB3N502 from system power
supply, noise de−coupling is required. The 0.01
mF
decoupling capacitor has to be connected between VDD and
GND on pins 2 and 3. It is recommended to place
de−coupling capacitors as close as possible to the NB3N502
device to minimize lead inductance. Control input pins can
be connected to device pins VDD or GND, or to the VDD and
GND planes on the board.
Series Termination Resistor Recommendation
A 33
W series terminating resistor can be used on the
CLKOUT pin.
Crystal Load Capacitors Selection Guide
The total on−chip capacitance is approximately 12 pF per
pin (CIN1 and CIN2). A parallel resonant, fundamental mode
crystal should be used.
The device crystal connections should include pads for
small capacitors from X1/CLK to ground and from X2 to
ground. These capacitors, CL1 and CL2, are used to adjust the
stray capacitance of the board to match the nominally
required crystal load capacitance (CLOAD (crystal)).
Because load capacitance can only be increased in this
trimming process, it is important to keep stray capacitance
to a minimum by using very short PCB traces (and no vias)
between the crystal and device. Crystal load capacitors, if
needed, must be connected from each of the pins X1 and X2
to ground. The load capacitance of the crystal (CLOAD
(crystal)) must be matched by total load capacitance of the
oscillator circuitry network, CINX, CSX and CLX, as seen by
the crystal (see Figure 3 and equations below).
R
CIN1
12 pF
CIN2
12 pF
G
Internal
to Device
X2
X1/CLK
CS1
CS2
CL1
CL2
Crystal
CLOAD1 = CIN1 + CS1 + CL1 [Total capacitance on X1/CLK]
CLOAD2 = CIN2 + CS2 + CL2 [Total capacitance on X2]
CIN1 [ CIN2 [ 12 pF (Typ) [Internal capacitance]
CS1 [ CS2 [ 5 pF (Typ) [External PCB stray capacitance]
CLOAD1,2 = 2 S CLOAD (Crystal)
CL2 = CLOAD2 − CIN2 − CS2 [External load capacitance on X2]
CL1 = CLOAD1 − CIN1 − CS1 [External load capacitance on X1/CLK]
Example 1: Equal stray capacitance on PCB
CLOAD (Crystal) = 18 pF (Specified by the crystal manufacturer)
CLOAD1 = CLOAD2 = 36 pF
CIN1 = CIN2 = 12 pF
CS1 = CS2 = 6 pF
CL1 = 36 − 12 − 6 = 18 pF
CL2 = 36 − 12 − 6 = 18 pF
Example 2: Different stray capacitance on PCB trace X1/CLK vs. X2
CLOAD (Crystal) = 18 pF
CLOAD1 = CLOAD2 = 36 pF
CIN1 = CIN2 = 12 pF
CS1 = 4 pF & CS2 = 8 pF
CL1 = 36 − 12 − 4 = 20 pF
CL2 = 36 − 12 − 8 = 16 pF
Figure 3. Using a Crystal as Reference Clock


Similar Part No. - NB3N502DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N502DG ONSEMI-NB3N502DG Datasheet
139Kb / 5P
   14 MHz to 190 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
More results

Similar Description - NB3N502DG

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB3N502 ONSEMI-NB3N502_12 Datasheet
139Kb / 5P
   14 MHz to 190 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
NB3N511 ONSEMI-NB3N511 Datasheet
111Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
May, 2012 ??Rev. 3
NB3N511 ONSEMI-NB3N511_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 14 MHz to 200 MHz PLL Clock Multiplier
November, 2013 ??Rev. 4
NB3N501 ONSEMI-NB3N501 Datasheet
139Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
May, 2012 ??Rev. 1
NB3N501 ONSEMI-NB3N501_13 Datasheet
110Kb / 6P
   3.3V / 5.0V 13 MHz to 160 MHz PLL Clock Multiplier
November, 2013 ??Rev. 2
logo
Pericom Semiconductor C...
PI6C490086 PERICOM-PI6C490086 Datasheet
816Kb / 5P
   PLL Clock Multiplier
PI6C4512 PERICOM-PI6C4512 Datasheet
443Kb / 4P
   PLL Clock Multiplier
PI6C4511 PERICOM-PI6C4511 Datasheet
492Kb / 5P
   PLL Clock Multiplier
logo
Integrated Device Techn...
ICS512 IDT-ICS512 Datasheet
190Kb / 7P
   PLL CLOCK MULTIPLIER
logo
Pericom Semiconductor C...
PT7C4502 PERICOM-PT7C4502 Datasheet
241Kb / 6P
   PLL Clock Multiplier
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com