Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MURA230T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. MURA230T3
Description  Surface Mount Ultrafast Power Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MURA230T3 Datasheet(HTML) 3 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MURA230T3, MURA240T3
http://onsemi.com
3
dc
20
32
24
16
0
840
VR, REVERSE VOLTAGE (VOLTS)
TL, LEAD TEMPERATURE (°C)
Figure 5. Typical Capacitance
Figure 6. Maximum Capacitance
Figure 7. Current Derating, Lead
Figure 8. Current Derating, Ambient
(FR−4 Board with Minimum Pad)
10
30
0
110
100
90
0
5
80
1
130
120
180
20
0
VR, REVERSE VOLTAGE (VOLTS)
TA, AMBIENT TEMPERATURE (°C)
10
30
80
60
40
20
100
0
1
0
0.5
0.25
140
120
Figure 9. Power Dissipation
1.5
0
2
1.5
1
0.5
3.5
IF(AV), AVERAGE FORWARD CURRENT (AMPS)
0.5
4
0
28
20
12
436
15
5
25
32
24
16
840
028
20
12
436
25
5
15
2
3
1
160
180
0.75
NOTE: TYPICAL
CAPACITANCE AT
0 V = 26 pF
NOTE: MAXIMUM
CAPACITANCE AT
0 V = 29 pF
dc
SQUARE WAVE
dc
SQUARE WAVE
SQUARE WAVE
150
140
170
160
4
2
2.5
3
3.5
2.5
3


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn