Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MMT05B350T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part No. MMT05B350T3
Description  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

MMT05B350T3 Datasheet(HTML) 2 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MMT05B350T3
http://onsemi.com
2
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Operating Temperature Range Blocking or Conducting State
TJ1
− 40 to + 125
°C
Overload Junction Temperature − Maximum Conducting State Only
TJ2
+ 175
°C
Maximum Lead Temperature for Soldering Purposes 1/8
″ from Case for 10 Seconds
TL
260
°C
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Devices are bidirectional. All electrical parameters apply to forward and reverse polarities.
Characteristics
Symbol
Min
Typ
Max
Unit
Breakover Voltage (Both polarities)
(dv/dt = 100 V/
ms, ISC = 1.0 A, Vdc = 1000 V)
(+65
°C)
V(BO)
400
412
V
Breakover Voltage (Both polarities)
(f = 60 Hz, ISC = 1.0 A(rms), VOC = 1000 V(rms),
RI = 1.0 kW, t = 0.5 cycle) (Note 3)
(+65
°C)
V(BO)
400
412
V
Breakover Voltage Temperature Coefficient
dV(BO)/dTJ
0.12
V/
°C
Breakdown Voltage (I(BR) = 1.0 mA) Both polarities
V(BR)
350
V
Off State Current (VD1 = 50 V) Both polarities
Off State Current (VD2 = VDM) Both polarities
ID1
ID2
2.0
5.0
mA
On−State Voltage (IT = 1.0 A)
(PW
≤ 300 ms, Duty Cycle ≤ 2%) (Note 3)
VT
1.6
3.0
V
Breakover Current (f = 60 Hz, VDM = 1000 V(rms), RS = 1.0 kW)
Both polarities
IBO
475
mA
Holding Current (Both polarities)
(Note 3)
VS = 500 V; IT (Initiating Current) = "1.0 A
(+65
°C)
IH
150
130
270
mA
Critical Rate of Rise of Off−State Voltage
(Linear waveform, VD = Rated VBR, TJ = 25°C)
dv/dt
2000
V/
ms
Capacitance (f = 1.0 MHz, 50 Vdc, 1.0 V rms Signal)
Capacitance (f = 1.0 MHz, 2.0 Vdc, 1.0 V rms Signal)
CO
14
27
18
30
pF
3. Measured under pulse conditions to reduce heating.
+ Current
+ Voltage
VTM
V(BO)
I(BO)
ID2
ID1
VD1
VD2 V(BR)
IH
Symbol
Parameter
ID1, ID2
Off State Leakage Current
VD1, VD2
Off State Blocking Voltage
VBR
Breakdown Voltage
VBO
Breakover Voltage
IBO
Breakover Current
IH
Holding Current
VTM
On State Voltage
Voltage Current Characteristic of TSPD
(Bidirectional Device)


Html Pages

1  2  3  4  5 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn