Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMT05B350T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MMT05B350T3
Description  Thyristor Surge Protectors High Voltage Bidirectional TSPD
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMT05B350T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MMT05B350T3 Datasheet HTML 1Page - ON Semiconductor MMT05B350T3 Datasheet HTML 2Page - ON Semiconductor MMT05B350T3 Datasheet HTML 3Page - ON Semiconductor MMT05B350T3 Datasheet HTML 4Page - ON Semiconductor MMT05B350T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2006
May, 2006 − Rev. 2
1
Publication Order Number:
MMT05B350T3/D
MMT05B350T3
Preferred Devices
Product Preview
Thyristor Surge Protectors
High Voltage Bidirectional TSPD
These Thyristor Surge Protective devices (TSPD) prevent
overvoltage damage to sensitive circuits by lightning, induction and
power line crossings. They are breakover−triggered crowbar
protectors. Turn−off occurs when the surge current falls below the
holding current value.
Secondary protection applications for electronic telecom equipment
at customer premises.
Features
High Surge Current Capability: 50 A 10 x 1000 msec, for Controlled
Temperature Environments
The MMT05B350T3 is used to help equipment meet various
regulatory requirements including: Bellcore 1089, ITU K.20 and
K.21, IEC 950, UL 1459 and 1950 and FCC Part 68
Bidirectional Protection in a Single Device
Little Change of Voltage Limit with Transient Amplitude or Rate
Freedom from Wearout Mechanisms Present in Non−Semiconductor
Devices
Fail−Safe, Shorts When Overstressed, Preventing Continued
Unprotected Operation
Surface Mount Technology (SMT)
Indicates UL Recognized − File #E210057
Pb−Free Package is Available
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Off−State Voltage − Maximum
VDM
300
V
Maximum Pulse Surge Short Circuit Current
Non−Repetitive Double Exponential Decay
Waveform (−25
°C Initial Temperature)
(Notes 1 and 2)
2 x 10
msec
8 x 20
msec
10 x 160
msec
10 x 360
msec
10 x 560
msec
10 x 700
msec
10 x 1000
msec
IPPS1
IPPS2
IPPS3
IPPS4
IPPS5
IPPS6
IPPS7
±150
±150
±100
±100
±70
±70
±50
A(pk)
Non−Repetitive Peak On−State Current
60 Hz Full Sign Wave
ITSM
32
A(pk)
Maximum Non−Repetitive Rate of Change of
On−State Current Exponential Waveform, < 100 A
di/dt
"300
A/
ms
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. Allow cooling before testing second polarity.
2. Measured under pulse conditions to reduce heating.
This document contains information on a product under development. ON Semiconductor
reserves the right to change or discontinue this product without notice.
BIDIRECTIONAL TSPD
50 AMP SURGE, 350 VOLTS
Device
Package
Shipping
ORDERING INFORMATION
MMT05B350T3
SMB
12 mm Tape & Reel
(2.5 K/Reel)
MT1
MT2
SMB
(No Polarity)
(Essentially JEDEC DO−214AA)
CASE 403C
(
)
MARKING DIAGRAMS
http://onsemi.com
Preferred devices are recommended choices for future use
and best overall value.
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
MMT05B350T3G
SMB
(Pb−Free)
12 mm Tape & Reel
(2.5 K/Reel)
A
= Assembly Location
Y
= Year
WW
= Work Week
RPBM = Specific Device Code
G
= Pb−Free Package
(Note: Microdot may be in either location)
AYWW
RPBM
G
G


Similar Part No. - MMT05B350T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT05B310T3 ONSEMI-MMT05B310T3 Datasheet
52Kb / 6P
   Thyristor Surge Protectors
March, 2004 ??Rev. 7
MMT05B310T3 ONSEMI-MMT05B310T3 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT05B310T3G ONSEMI-MMT05B310T3G Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
More results

Similar Description - MMT05B350T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMT08B260T3 ONSEMI-MMT08B260T3 Datasheet
59Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 3
MMT10B350T3 ONSEMI-MMT10B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 2
MMT08B350T3 ONSEMI-MMT08B350T3 Datasheet
57Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
February, 2006 ??Rev. 1
MMT05A230T3 ONSEMI-MMT05A230T3 Datasheet
49Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
March, 2004 ??Rev. 4
MMT05A230T3 ONSEMI-MMT05A230T3_06 Datasheet
62Kb / 7P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
January, 2006 ??Rev. 5
MMT10B230T3 ONSEMI-MMT10B230T3_05 Datasheet
60Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 8
MMT05B230T3 ONSEMI-MMT05B230T3_06 Datasheet
61Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
May, 2006 ??Rev. 9
MMT08B310T3 ONSEMI-MMT08B310T3_05 Datasheet
58Kb / 6P
   Thyristor Surge Protectors High Voltage Bidirectional TSPD
August, 2005 ??Rev. 3
NP0640SXT3G ONSEMI-NP0640SXT3G Datasheet
52Kb / 5P
   Thyristor Surge Protectors High Voltage Bidirectional
November, 2006 ??Rev. 0
logo
Bourns Electronic Solut...
TISP4X00F3 BOURNS-TISP4X00F3 Datasheet
352Kb / 11P
   HIGH VOLTAGE BIDIRECTIONAL THYRISTOR OVERVOLTAGE PROTECTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com