Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC100EP91MNR2G Datasheet(PDF) 1 Page - ON Semiconductor

Part # MC100EP91MNR2G
Description  2.5 V/3.3 V Any Level Positive Input to -3.3 V/-5.5 V NECL Output Translator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EP91MNR2G Datasheet(HTML) 1 Page - ON Semiconductor

  MC100EP91MNR2G Datasheet HTML 1Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 2Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 3Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 4Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 5Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 6Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 7Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 8Page - ON Semiconductor MC100EP91MNR2G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
© Semiconductor Components Industries, LLC, 2006
August, 2006 − Rev. 1
1
Publication Order Number:
MC100EP91/D
MC100EP91
2.5 V/3.3 V Any Level
Positive Input to
−3.3 V/−5.5 V NECL Output
Translator
Description
The MC100EP91 is a triple any level positive input to NECL output
translator. The device accepts LVPECL, LVTTL, LVCMOS, HSTL,
CML or LVDS signals, and translates them to differential NECL
output signals (−3.0 V / −5.5 V).
To accomplish the level translation the EP91 requires three power
rails. The VCC pins should be connected to the positive power supply,
and the VEE pin should be connected to the negative power supply.
The GND pins are connected to the system ground plane. Both VEE
and VCC should be bypassed to ground via 0.01 mF capacitors.
Under open input conditions, the D input will be biased at VCC/2
and the D input will be pulled to GND. These conditions will force the
Q outputs to a low state, and Q outputs to a high state, which will
ensure stability.
The VBB pin, an internally generated voltage supply, is available to
this device only. For single-ended input conditions, the unused
differential input is connected to VBB as a switching reference voltage.
VBB may also rebias AC coupled inputs. When used, decouple VBB
and VCC via a 0.01 mF capacitor and limit current sourcing or sinking
to 0.5 mA. When not used, VBB should be left open.
Features
Maximum Input Clock Frequency > 2.0 GHz Typical
Maximum Input Data Rate > 2.0 Gb/s Typical
500 ps Typical Propagation Delay
Operating Range: VCC = 2.375 V to 3.8 V;
VEE = −3.0 V to −5.5 V; GND = 0 V
Q Output will Default LOW with Inputs Open or at GND
Pb−Free Packages are Available*
*For additional information on our Pb−Free strategy and soldering details, please
download the ON Semiconductor Soldering and Mounting Techniques
Reference Manual, SOLDERRM/D.
MARKING DIAGRAMS*
*For additional marking information, refer to
Application Note AND8002/D.
SO−20 WB
DW SUFFIX
CASE 751D
1
20
A
= Assembly Location
WL, L
= Wafer Lot
YY, Y
= Year
WW, W = Work Week
G or G = Pb−Free Package
100
EP91
ALYWG
G
1
24
24 PIN QFN
MN SUFFIX
CASE 485L
24
1
See detailed ordering and shipping information in the package
dimensions section on page 8 of this data sheet.
ORDERING INFORMATION
20
1
MC100EP91
AWLYYWWG
http://onsemi.com
(Note: Microdot may be in either location)


Similar Part No. - MC100EP91MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP91MNR2G ONSEMI-MC100EP91MNR2G Datasheet
181Kb / 10P
   Any Level Positive Input to NECL Output Translator
August, 2016 ??Rev. 6
More results

Similar Description - MC100EP91MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NB100LVEP91 ONSEMI-NB100LVEP91_16 Datasheet
182Kb / 11P
   2.5 V/3.3 V Any Level Positive Input to -2.5 V/-3.3 V LVNECL Output Translator
August, 2016 ??Rev. 19
NB100LVEP91 ONSEMI-NB100LVEP91_06 Datasheet
145Kb / 10P
   2.5 V/3.3 V Any Level Positive Input to ??.5 V/??.3 V LVNECL Output Translator
November, 2006 ??Rev. 13
MC100EP91 ONSEMI-MC100EP91_16 Datasheet
181Kb / 10P
   Any Level Positive Input to NECL Output Translator
August, 2016 ??Rev. 6
MC100LVEL91 ONSEMI-MC100LVEL91_16 Datasheet
146Kb / 6P
   3.3 V Triple LVPECL Input to -3.3 V to -5.0 V ECL Output Translator
July, 2016 ??Rev. 12
MC100LVEL90 ONSEMI-MC100LVEL90_16 Datasheet
149Kb / 5P
   -3.3V / -5V Triple ECL Input to LVPECL Output Translator
July, 2016 ??Rev. 12
logo
Texas Instruments
SN74AUP1T32 TI-SN74AUP1T32 Datasheet
167Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT,3.3-V CMOS OUTPUT, 2-INPUT POSITIVE-OR GATE
logo
ON Semiconductor
MC100EPT25 ONSEMI-MC100EPT25_16 Datasheet
166Kb / 8P
   -3.3V / -5V Differential ECL to 3.3V LVTTL Translator
August, 2016 ??Rev. 17
MC100LVEL91 ONSEMI-MC100LVEL91_06 Datasheet
111Kb / 6P
   3.3 V Triple LVPECL Input to ??.3 V to ??.0 V ECL Output Translator
November, 2006 ??Rev. 10
logo
Texas Instruments
SN74AUP1T00 TI-SN74AUP1T00 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT, SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AUP1T02 TI-SN74AUP1T02 Datasheet
164Kb / 11P
[Old version datasheet]   LOW POWER, 1.8/2.5/3.3-V INPUT, 3.3-V CMOS OUTPUT,SINGLE 2-INPUT POSITIVE-NOR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com