Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MCR12L Datasheet(PDF) 4 Page - ON Semiconductor

Part No. MCR12L
Description  Silicon Controlled Rectifiers Reverse Blocking Thyristors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MCR12L Datasheet(HTML) 4 Page - ON Semiconductor

  MCR12L Datasheet HTML 1Page - ON Semiconductor MCR12L Datasheet HTML 2Page - ON Semiconductor MCR12L Datasheet HTML 3Page - ON Semiconductor MCR12L Datasheet HTML 4Page - ON Semiconductor MCR12L Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MCR12LD, MCR12LM, MCR12LN
http://onsemi.com
4
dc
180°
10
110
90
95
100
105
115
60°
α = 30°
04
6
8
12
α = CONDUCTION ANGLE
IT(RMS), RMS ON-STATE CURRENT (AMP)
α
90°
Figure 5. Typical RMS Current Derating
120
125
11
57
9
123
180°
90°
18
0
14
16
20
TJ = 125°C
dc
α = 30°
IT(AV), AVERAGE ON-STATE CURRENT (AMPS)
α = CONDUCTION ANGLE
α
Figure 6. On−State Power Dissipation
10
04
6
8
12
11
57
9
12
3
12
10
2
4
6
8
100
25°C
125°C
1.0
0.1
0.5
0.2
0.3
0.5
0.7
7.0
5.0
1.0
2.0
10
50
3.0
20
30
70
VT, INSTANTANEOUS ON−STATE VOLTAGE (VOLTS)
1.5
2.0
2.5
3.0
Figure 7. Typical On−State Characteristics


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn