Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3488 Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3488
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3488 Datasheet(HTML) 5 Page - Analog Devices

  ADM3488 Datasheet HTML 1Page - Analog Devices ADM3488 Datasheet HTML 2Page - Analog Devices ADM3488 Datasheet HTML 3Page - Analog Devices ADM3488 Datasheet HTML 4Page - Analog Devices ADM3488 Datasheet HTML 5Page - Analog Devices ADM3488 Datasheet HTML 6Page - Analog Devices ADM3488 Datasheet HTML 7Page - Analog Devices ADM3488 Datasheet HTML 8Page - Analog Devices ADM3488 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 5 of 20
TIMING SPECIFICATIONS—ADM3485/ADM3490/ADM3491
VCC = 3.3 V, TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Delay (tDD)
1
22
35
ns
RL = 60 Ω
(see Figure 10 and Figure 16)
Differential Output Transition Time (tTD)
3
8
25
ns
RL = 60 Ω
(see Figure 10 and Figure 16)
Propagation Delay, Low-to-High Level (tPLH)
7
22
35
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
Propagation Delay, High-to-Low Level (tPHL)
7
22
35
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
|tPLH – tPHL| Propagation Delay Skew1 (tPDS)
8
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
DRIVER OUTPUT ENABLE/DISABLE TIMES (ADM3485/
ADM3491 ONLY)
Output Enable Time to Low Level (tPZL)
45
90
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time to High Level (tPZH)
45
90
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
Output Disable Time from High Level (tPHZ)
40
80
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
Output Disable Time from Low Level (tPLZ)
40
80
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time from Shutdown to Low Level (tPSL)
650
900
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time from Shutdown to High Level (tPSH)
650
900
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
1 Measured on |tPLH (Y) − tPHL (Y)| and |tPLH (Z) − tPHL (Z)|.
TIMING SPECIFICATIONS—ADM3483/ADM3488
VCC = 3.3 V, TA = 25°C, unless otherwise noted.
Table 4.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Differential Output Delay (tDD)
600
900
1400
ns
RL = 60 Ω
(see Figure 10 and Figure 16)
Differential Output Transition Time (tTD)
400
700
1200
ns
RL = 60 Ω
(see Figure 10 and Figure 16)
Propagation Delay, Low-to-High Level (tPLH)
700
1000
1500
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
Propagation Delay, High-to-Low Level (tPHL)
700
1000
1500
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
|tPLH – tPHL| Propagation Delay Skew1 (tPDS)
100
ns
RL = 27 Ω
(see Figure 11 and Figure 17)
DRIVER OUTPUT ENABLE/DISABLE TIMES (ADM3483 ONLY)
Output Enable Time to Low Level (tPZL)
900
1300
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time to High Level (tPZH)
600
800
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
Output Disable Time from High Level (tPHZ)
50
80
ns
RL = 110 Ω
(see Figure 12 and Figure 18)
Output Disable Time from Low Level (tPLZ)
50
80
ns
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time from Shutdown to Low Level (tPSL)
1.9
2.7
μs
RL = 110 Ω
(see Figure 13 and Figure 19)
Output Enable Time from Shutdown to High Level (tPSH)
2.2
3.0
μs
RL = 110 Ω
(see Figure 12 and Figure 18)
1 Measured on |tPLH (Y) − tPHL (Y)| and |tPLH (Z) − tPHL (Z)|.


Similar Part No. - ADM3488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3488 AD-ADM3488 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488ARZ AD-ADM3488ARZ Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488ARZ-REEL7 AD-ADM3488ARZ-REEL7 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488E AD-ADM3488E Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3488EARZ AD-ADM3488EARZ Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3488

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com