Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM3483 Datasheet(PDF) 12 Page - Analog Devices

Part # ADM3483
Description  3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3483 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADM3483 Datasheet HTML 8Page - Analog Devices ADM3483 Datasheet HTML 9Page - Analog Devices ADM3483 Datasheet HTML 10Page - Analog Devices ADM3483 Datasheet HTML 11Page - Analog Devices ADM3483 Datasheet HTML 12Page - Analog Devices ADM3483 Datasheet HTML 13Page - Analog Devices ADM3483 Datasheet HTML 14Page - Analog Devices ADM3483 Datasheet HTML 15Page - Analog Devices ADM3483 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
ADM3483/ADM3485/ADM3488/ADM3490/ADM3491
Rev. B | Page 12 of 20
OUTPUT VOLTAGE (V)
TYPICAL PERFORMANCE CHARACTERISTICS
30
0
03.5
25
20
15
10
5
0.5
1.0
1.5
2.0
2.5
3.0
Figure 22. Output Current vs. Receiver Output Low Voltage
–16
0
03.5
0.8
0
–40
TEMPERATURE (°C)
0.7
0.6
0.5
0.4
0.3
0.2
0.1
–30 –20 –10
0
10
20
30
40
50
60
70
80
OUTPUT VOLTAGE (V)
–14
–12
–10
–8
–6
–4
–2
0.5
1.0
1.5
2.0
2.5
3.0
Figure 23. Output Current vs. Receiver Output High Voltage
3.30
3.00
–40
TEMPERATURE (°C)
3.25
3.20
3.15
3.10
3.05
–30 –20 –10
0
10
20
30
40
50
60
70
80
Figure 24. Receiver Output High Voltage vs. Temperature, IRO = 1.5 mA
Figure 25. Receiver Output Low Voltage vs. Temperature, IRO = 2.5 mA
100
0
03.5
OUTPUT VOLTAGE (V)
90
80
70
60
50
40
30
20
10
0.5
1.0
1.5
2.0
2.5
3.0
Figure 26. Driver Output Current vs. Differential Output Voltage
2.6
1.6
–40
TEMPERATURE (°C)
–30 –20 –10
0
10
20
30
40
50
60
70
80
2.5
2.4
2.3
2.2
2.1
2.0
1.9
1.8
1.7
Figure 27. Driver Differential Output Voltage vs. Temperature, RL = 54 Ω


Similar Part No. - ADM3483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483 AD-ADM3483 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483ARZ AD-ADM3483ARZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483ARZ AD-ADM3483ARZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483ARZ AD-ADM3483ARZ Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483ARZ-REEL7 AD-ADM3483ARZ-REEL7 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results

Similar Description - ADM3483

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483 AD-ADM3483_11 Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491ARUZ AD-ADM3491ARUZ Datasheet
328Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483 AD-ADM3483_V01 Datasheet
327Kb / 20P
   3.3 V Slew Rate Limited, Half- and Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM4855 AD-ADM4855_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4850 AD-ADM4850 Datasheet
342Kb / 16P
   5 V, Slew Rate Limited, Half-Duplex and Full Duplex RS-485/RS-422 Transceivers
Rev. F
ADM4851 AD-ADM4851_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
Rev. D
ADM4856 AD-ADM4856_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4850 AD-ADM4850_12 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
ADM4853 AD-ADM4853_15 Datasheet
446Kb / 16P
   5 V, Slew-Rate Limited, Half-Duplex and Full-Duplex RS-485/RS-422 Transceivers
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com