Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC10EP142 Datasheet(PDF) 2 Page - ON Semiconductor

Part # MC10EP142
Description  3.3 V / 5 V ECL 9-Bit Shift Register
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10EP142 Datasheet(HTML) 2 Page - ON Semiconductor

  MC10EP142 Datasheet HTML 1Page - ON Semiconductor MC10EP142 Datasheet HTML 2Page - ON Semiconductor MC10EP142 Datasheet HTML 3Page - ON Semiconductor MC10EP142 Datasheet HTML 4Page - ON Semiconductor MC10EP142 Datasheet HTML 5Page - ON Semiconductor MC10EP142 Datasheet HTML 6Page - ON Semiconductor MC10EP142 Datasheet HTML 7Page - ON Semiconductor MC10EP142 Datasheet HTML 8Page - ON Semiconductor MC10EP142 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
MC10EP142, MC100EP142
http://onsemi.com
2
Figure 1. Pinout: LQFP−32 (Top View)
25
26
27
28
29
30
31
32
15
14
13
12
11
10
9
1234567
8
24
23
22
21
20
19
18
17
16
Q4
Q2
VCC
MR
Q0
D6
Q3
Q1
VEE
VCC
MC10EP142
MC100EP142
VEE
D1
D2
D3
D4
D5
Figure 2. Pinout: QFN−32 (Top View)
32
31
30
29
28
27
26
25
9
10
11
12
13
14
15
16
1
234
5
6
78
24
23
22
21
20
19
18
17
Exposed Pad (EP)
Q4
Q2
VCC
MR
Q0
D6
Q3
Q1
VEE
VCC
VEE
D1
D2
D3
D4
D5
Table 1. PIN DESCRIPTION
Pin
Name
I/O
Default State
Description
1,23,24,25,26,
27,29,30,31
D[0:8]
ECL Input
Low
Single−Ended Parallel Data Inputs [0:8]. Internal 75 kW to VEE.
2
S−IN
ECL Input
Low
Noninverted Differential Serial Input. Internal 75 kW to VEE.
3
S−IN
ECL Input
High
Inverted Differential Serial Input. Internal 75 kW to VEE and 36.5 kW to
VCC.
4
CLK0
ECL Input
Low
Noninverted Differential CLK0 Input. Internal 75 kW to VEE.
5
CLK0
ECL Input
High
Inverted Differential CLK0B Input. Internal 75 kW to VEE and 36.5 kW
to VCC.
6
CLK1
ECL Input
Low
Noninverted Differential CLK1 Input. Internal 75 kW to VEE.
7
CLK1
ECL Input
High
Inverted Differential CLK1B Input. Internal 75 kW to VEE and 36.5 kW
to VCC.
8
SEL
ECL Input
Low
Single−Ended Select Logic Input. Internal 75 kW to VEE.
9
MR
ECL Input
Low
Single−Ended Master Reset Logic Input. Internal 75 kW to VEE.
10,11,12,14,1
5,18,19,22
Q0,Q1,Q2,Q3,
Q4,Q5,Q6,Q8
ECL Output
Single−Ended parallel Data outputs [0,1,2,3,4,5,6,8]. Typically
Terminated with 50 W to VTT = VCC − 2 V.
13,17,32
VCC
Positive supply Voltage. All VCC Pins must be Externally Connected to
Power Supply to Guarantee Proper Operation.
16,28
VEE
Negative supply Voltage. All VEE Pins must be Externally connected
to Power Supply to Guarantee Proper Operation.
20
Q7
ECL Output
Noninverted Differential parallel/Serial Data Output 7. Typically
Terminated with 50 W to VTT = VCC − 2 V.
21
Q7
ECL Output
Inverted Differential parallel/Serial Data Output 7. Typically
Terminated with 50 W to VTT = VCC − 2 V.
1. All VCC and VEE pins must be externally connected to Power Supply to guarantee proper operation.


Similar Part No. - MC10EP142

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC10EP142 ONSEMI-MC10EP142 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10EP142FAG ONSEMI-MC10EP142FAG Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10EP142FAR2G ONSEMI-MC10EP142FAR2G Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10EP142MNG ONSEMI-MC10EP142MNG Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10EP142MNR4G ONSEMI-MC10EP142MNR4G Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
More results

Similar Description - MC10EP142

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC100EP142 ONSEMI-MC100EP142 Datasheet
219Kb / 11P
   3.3 V/5 V ECL 9-Bit Shift Register
April, 2021 ??Rev. 19
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
logo
ON Semiconductor
MC10E143 ONSEMI-MC10E143_16 Datasheet
157Kb / 7P
   5V ECL 9?륛it Hold Register
July, 2016 ??Rev. 8
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
109Kb / 4P
   9-BIT SHIFT REGISTER
1996 REV 2
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10E452 ONSEMI-MC10E452_16 Datasheet
166Kb / 8P
   5V ECL 5?륛it Differential Register
July, 2016 ??Rev. 12
MC10E141 ONSEMI-MC10E141_06 Datasheet
130Kb / 8P
   5V ECL 8-Bit Shift Register
November, 2006 ??Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com