Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

302-NFB Datasheet(PDF) 1 Page - WECO ELECTRICAL CONNECTORS INC.

Part # 302-NFB
Description  Plug-in terminal strip Screw connection & socket with clamping spring, low profile version
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WECO [WECO ELECTRICAL CONNECTORS INC.]
Direct Link  https://wecoconnectors.com/en/
Logo WECO - WECO ELECTRICAL CONNECTORS INC.

302-NFB Datasheet(HTML) 1 Page - WECO ELECTRICAL CONNECTORS INC.

  302-NFB Datasheet HTML 1Page - WECO ELECTRICAL CONNECTORS INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
302-NFB(-DS)
Plug-in terminal strip
Screw connection & socket with clamping spring, low profile version
11.17
WECO | www.wecogroup.com
The plug-in connector strip 302-NFB, lower version, is available in 8 mm pitch with
1 to 12 poles.
The “N”-variant only differs from the standard 302-FB version by the 12 mm overall
height (i.e. the moulding height is 3 mm lower). Note the shortened clearance and
creepage distances.
The wire protector of the “DS”-version reliably prevents damage to multi-wire
flexible conductors by the turning screw.
These terminals strips can be screw-mounted on a substrate.
Part Numbers
No. of
poles
302-NFB
302-NFB-DS
Length
PU
2
12.820.045
52.820.045
15,00
250
3
13.820.045
53.820.045
23,00
250
4
14.820.045
54.820.045
31,00
200
5
15.820.045
55.820.045
39,00
100
6
16.820.045
56.820.045
47,00
80
7
17.820.045
57.820.045
55,00
80
8
18.820.045
58.820.045
63,00
80
9
19.820.045
59.820.045
71,00
60
10
20.820.045
60.820.045
79,00
50
11
21.820.045
61.820.045
87,00
50
12
22.820.045
62.820.045
94,00
40
General Information
Pitch
8 mm
No. of poles
2 - 12
Usable with
302-NSV(-DS)
Areas of application
This plug connector is well suited for applications
that require to easily open and close not energised
circuits.
Technical Data
Clamping Range
solid / flexible / AWG
without wire protector
0,5 - 4 mm² / 0,5 - 2,5 mm² / 20 - 12 AWG
with wire protector
0,34 - 2,5 mm² / 0,34 - 1,5 mm² / 22 - 14 AWG
Rated Cross Section
1,5 mm²
Wire Stripping Length
5 mm ± 0,5 mm
Overvoltage Category
III
III
II
Pollution Severity Level
3
2
2
Rated Voltage
160 V (40V)
160 V (100V)
320 V (160V)
Rated Impulse Voltage
2,5 kV (1,5kV) 2,5 kV (1,5kV) 2,5 kV (1,5kV)
Rated Insulation Voltage
250 V acc. to EN 60998-1
Rated Current
6 A
Torque
0,4 Nm
Other specifications
Rated values apply to use in combination with
302-NSV(-DS). Values in parentheses apply to use
without insulated substrates.
Material
Moulding
PA, natural, V-2
Comparative Tracking Index
CTI ≥ 600
Insulating Group
I
Temperature Range
-40°C up to 100°C
Terminal Body
Nickel plated brass
Screw
M2,6; zinc plated steel, blue passivated
Wire protector
Tin plated tin bronze
Spring
Stainless steel strip
Approvals
Current [A]
Voltage [V]
Group
AWG
[Nm]
10
300
B,D
22 - 14
0,4 [2]
6
300
B,D,E
26 - 12
0,4 [1]
[2]
[1] for 302-NFB-DS: 26 - 14 AWG
[2] When mounted on a suitable insulated surface, on standoffs or equivalent
means.
Options / Accessories
• Marking options on the screw guides
• Jumper 302-J


Similar Part No. - 302-NFB

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-NFLP-DS WECO-302-NFLP-DS Datasheet
109Kb / 1P
   Plug-in terminal strip Screw connection & socket with clamping spring, low profile version, Plug-in direction vertical, two screw guides of
04.19
302-NFLW-DS WECO-302-NFLW-DS Datasheet
106Kb / 1P
   Plug-in terminal strip Screw connection & socket with clamping spring, low profile version
04.19
More results

Similar Description - 302-NFB

ManufacturerPart #DatasheetDescription
logo
WECO ELECTRICAL CONNECT...
302-NFLW-DS WECO-302-NFLW-DS Datasheet
106Kb / 1P
   Plug-in terminal strip Screw connection & socket with clamping spring, low profile version
04.19
323-FB WECO-323-FB Datasheet
119Kb / 1P
   Plug-in terminal strip Screw connection & socket with clamping spring
04.19
302-FB WECO-302-FB Datasheet
122Kb / 1P
   Plug-in terminal strip Screw connection & socket with clamping spring
04.19
302-NFLP-DS WECO-302-NFLP-DS Datasheet
109Kb / 1P
   Plug-in terminal strip Screw connection & socket with clamping spring, low profile version, Plug-in direction vertical, two screw guides of
04.19
323-FBW WECO-323-FBW Datasheet
150Kb / 1P
   Plug-in terminal strip Screw connection & socket with clamping spring, plug-in direction vertical
07.18
302-FLW-DS WECO-302-FLW-DS Datasheet
104Kb / 1P
   Plug-in terminal strip Screw connection & socket with clamping spring, Plug-in direction vertical
04.19
302-NSTB WECO-302-NSTB Datasheet
111Kb / 1P
   Plug-in terminal strip Screw connection & socket, low profile version
06.18
302-N WECO-302-N Datasheet
120Kb / 1P
   Socket terminal strip Screw connection, low profile version
04.18
323-N WECO-323-N Datasheet
96Kb / 1P
   Socket terminal strip Screw connection, low profile version
04.19
302-NSTS WECO-302-NSTS Datasheet
166Kb / 1P
   Plug-in terminal strip Screw connection & pin, low profile version
07.18
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com