Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ESD5B5.0ST1G Datasheet(PDF) 2 Page - ON Semiconductor

Part No. ESD5B5.0ST1G
Description  Transient Voltage Suppressor Bi-directional Micro-Packaged Diode for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ESD5B5.0ST1G Datasheet(HTML) 2 Page - ON Semiconductor

  ESD5B5.0ST1G Datasheet HTML 1Page - ON Semiconductor ESD5B5.0ST1G Datasheet HTML 2Page - ON Semiconductor ESD5B5.0ST1G Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Bi−Directional TVS
IPP
IPP
V
I
IR
IT
IT
IR
VRWM
VC VBR
VRWM
VC
VBR
ESD5B5.0ST1G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted)
Symbol
Parameter
IPP
Reverse Peak Pulse Current
VC
Clamping Voltage @ IPP
VRWM
Working Peak Reverse Voltage
IR
Reverse Leakage Current @ VRWM
VBR
Breakdown Voltage @ IT
IT
Test Current
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted, VF = 0.9 V Max. @ IF = 10 mA for all types)
Device*
VRWM
(V)
IR (mA)
@ VRWM
VBR (V) @ IT
(Note 2)
IT
C (pF) @ VR = 0 V,
f = 1 MHz
Max
Max
Min
Max
mA
Typ
ESD5B5.0ST1G
5.0
1.0
5.8
7.8
1.0
32
*Other voltages available upon request.
2. VBR is measured with a pulse test current IT at an ambient temperature of 25°C.
Figure 1. 8 x 20
ms Pulse Waveform
100
90
80
70
60
50
40
30
20
10
0
020
40
60
80
t, TIME (
ms)
tP
tr
0
123
4
0
50
100
t, TIME (ms)
HALF VALUE −
PEAK VALUE − IPP
tr ≤ 10 ms
Figure 2. 10 x 1000
ms Pulse Waveform
tP
PULSE WIDTH (tP) IS DEFINED AS
THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50% OF IPP.
PEAK VALUE − IPP
I
PP
2
HALF VALUE −
I
PP
2
PULSE WIDTH (tP) IS DEFINED AS
THAT POINT WHERE THE PEAK
CURRENT DECAYS TO 50% OF IPP.
Figure 3. Positive 8 kV Contact per IEC 6100−4−2
ESD5B5.0ST1G
Figure 4. Negative 8 kV Contact per IEC 6100−4−2
ESD5B5.0ST1G


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn