Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTC114EM3T5G Datasheet(PDF) 4 Page - ON Semiconductor

Part No. DTC114EM3T5G
Description  Digital Transistors (BRT) NPN Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

DTC114EM3T5G Datasheet(HTML) 4 Page - ON Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DTC114EM3T5G Series
http://onsemi.com
4
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
ON CHARACTERISTICS (Note 4)
Characteristic
Symbol
Min
Typ
Max
Unit
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 kW)
(VCC = 5.0 V, VB = 0.25 V, RL = 1.0 kW)
DTC143TM3T5G
DTC143ZM3T5G
DTC114TM3T5G
DTC144TM3T5G
VOH
4.9
Vdc
Input Resistor
DTC114EM3T5G
DTC124EM3T5G
DTC144EM3T5G
DTC114YM3T5G
DTC114TM3T5G
DTC143TM3T5G
DTC123EM3T5G
DTC143EM3T5G
DTC143ZM3T5G
DTC124XM3T5G
DTC123JM3T5G
DTC115EM3T5G
DTC144WM3T5G
DTC144TM3T5G
R1
7.0
15.4
32.9
7.0
7.0
3.3
1.5
3.3
3.3
15.4
1.54
70
32.9
32.9
10
22
47
10
10
4.7
2.2
4.7
4.7
22
2.2
100
47
47
13
28.6
61.1
13
13
6.1
2.9
6.1
6.1
28.6
2.86
130
61.1
61.1
k
W
Resistor Ratio
DTC114EM3T5G/DTC124EM3T5G/
DTC144EM3T5G/DTC115EM3T5G
DTC114YM3T5G
DTC143TM3T5G/DTC114TM3T5G/DTC144TM3T5G
DTC123EM3T5G/DTC143EM3T5G
DTC143ZM3T5G
DTC124XM3T5G
DTC123JM3T5G
DTC144WM3T5G
R1/R2
0.8
0.17
0.8
0.055
0.38
0.038
1.7
1.0
0.21
1.0
0.1
0.47
0.047
2.1
1.2
0.25
1.2
0.185
0.56
0.056
2.6
4. Pulse Test: Pulse Width < 300
ms, Duty Cycle < 2.0%.
Figure 1. Derating Curve
250
200
150
100
50
0
−50
0
50
100
150
TA, AMBIENT TEMPERATURE (°C)
RqJA = 480°C/W
300


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
DTA114EM3T5GDigital Transistors BRT PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network 1 2 3 4 5 MoreON Semiconductor
BC171NPN SILICON PLANAR TRANSISTORS 1 2 3 4 Continental Device India Limited
CIL351NPN SILICON PLANAR TRANSISTORS 1 2 3 Continental Device India Limited
MXB-1001-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-7SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-2501-13SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1001-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-1501-10SURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.
MXB-2501-13HSURFACE MOUNT MIXER 1 PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn