Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DTA114EM3T5G Datasheet(PDF) 11 Page - ON Semiconductor

Part No. DTA114EM3T5G
Description  Digital Transistors (BRT) PNP Silicon Surface Mount Transistors with Monolithic Bias Resistor Network
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DTA114EM3T5G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button DTA114EM3T5G Datasheet HTML 4Page - ON Semiconductor DTA114EM3T5G Datasheet HTML 5Page - ON Semiconductor DTA114EM3T5G Datasheet HTML 6Page - ON Semiconductor DTA114EM3T5G Datasheet HTML 7Page - ON Semiconductor DTA114EM3T5G Datasheet HTML 8Page - ON Semiconductor DTA114EM3T5G Datasheet HTML 9Page - ON Semiconductor DTA114EM3T5G Datasheet HTML 10Page - ON Semiconductor DTA114EM3T5G Datasheet HTML 11Page - ON Semiconductor DTA114EM3T5G Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
DTA114EM3T5G Series
http://onsemi.com
11
PACKAGE DIMENSIONS
D
b1
E
b
e
A
L
C
H
−Y−
−X−
X
0.08 (0.0032)
Y
2X
E
1
2
3
1.0
0.039
mm
inches
SCALE 20:1
0.40
0.0157
0.40
0.0157
0.40
0.0157
0.40
0.0157
0.40
0.0157
STYLE 1:
PIN 1. BASE
2. EMITTER
3. COLLECTOR
DIM
MIN
NOM
MAX
MILLIMETERS
A
0.45
0.50
0.55
b
0.15
0.20
0.27
b1
0.25
0.3
0.35
C
0.07
0.12
0.17
D
1.15
1.20
1.25
E
0.75
0.80
0.85
e
0.40 BSC
H
1.15
1.20
1.25
L
0.15
0.20
0.25
0.018
0.020
0.022
0.0059 0.0079 0.0106
0.010
0.012
0.014
0.0028 0.0047 0.0067
0.045
0.047
0.049
0.03
0.032
0.034
0.016 BSC
0.045
0.047
0.049
0.0059 0.0079 0.0098
MIN
NOM
MAX
INCHES
E
NOTES:
1. DIMENSIONING AND TOLERANCING PER ANSI
Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. MAXIMUM LEAD THICKNESS INCLUDES LEAD
FINISH. MINIMUM LEAD THICKNESS IS THE MINIMUM
THICKNESS OF BASE MATERIAL.
4. DIMENSIONS D AND E DO NOT INCLUDE MOLD
FLASH, PROTRUSIONS OR GATE BURRS.
SOT−723
CASE 631AA−01
ISSUE A
*For additional information on our Pb−Free strategy and soldering
details, please download the ON Semiconductor Soldering and
Mounting Techniques Reference Manual, SOLDERRM/D.
SOT−723
SOLDERING FOOTPRINT*


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
DMMT5401 MATCHED PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR 1  2  3  Diodes Incorporated
MXB-1001-10 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-1501-10 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-2501-13H SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
CIL351 NPN SILICON PLANAR TRANSISTORS 1  2  3  Continental Device India Limited
MXB-1001-13 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXB-1501-10H SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
MXJ-0902-17 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.
IRF9530NSPBF Advanced Process Technology Surface Mount 1  2  3  4  5  More International Rectifier
MXB-0301-7 SURFACE MOUNT MIXER 1  PREMIER DEVICES, INC.

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn