Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

DF3A6.8FUT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. DF3A6.8FUT1
Description  Zener Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

DF3A6.8FUT1 Datasheet(HTML) 1 Page - ON Semiconductor

  DF3A6.8FUT1 Datasheet HTML 1Page - ON Semiconductor DF3A6.8FUT1 Datasheet HTML 2Page - ON Semiconductor DF3A6.8FUT1 Datasheet HTML 3Page - ON Semiconductor DF3A6.8FUT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2004
July, 2004 − Rev. 1
1
Publication Order Number:
DF3A6.8FUT1/D
DF3A6.8FUT1
Preferred Device
Zener Transient Voltage
Suppressor
Dual Common Anode Zeners for ESD
Protection
These dual monolithic silicon zener diodes are designed for
applications requiring transient overvoltage protection capability. They
are intended for use in voltage and ESD sensitive equipment such as
computers, printers, business machines, communication systems,
medical equipment and other applications. Their dual junction common
anode design protects two separate lines using only one package. These
devices are ideal for situations where board space is at a premium.
Features
Pb−Free Package is Available
SC−70 Package Allows Two Separate Unidirectional Configurations
Low Leakage < 1.0 mA @ 5.0 V
Breakdown Voltage: 6.4−7.2 V @ 5.0 mA
ESD Protection Meeting:16 kV Human Body Model
30 kV Contact = IEC61000−4−2
Peak Power: 24 W @ 1.0 ms (Unidirectional), per Figure 1
Peak Power: 150 W @ 20 ms (Unidirectional), per Figure 2
Mechanical Characteristics
Void Free, Transfer−Molded, Thermosetting Plastic Case
Corrosion Resistant Finish, Easily Solderable
Package Designed for Optimal Automated Board Assembly
Small Package Size for High Density Applications
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Steady State Power Dissipation
Derate above 25
°C (Note 1)
PD
200
1.6
°mW°
mW/
°C
Thermal Resistance Junction−to−Ambient
RqJA
618
°C/W
Operating Junction and Storage
Temperature Range
TJ, Tstg
− 55 to
+150
°C
Peak Power Dissipation @ 1.0 ms
(Note 2) @ TA = 25°C
PPK
20
W
Peak Power Dissipation @ 20
ms (Note 3)
@ TA = 25°C
PPK
150
W
ESD Discharge
MIL STD 883C − Method 3015−6
IEC61000−4−2, Air Discharge
IEC61000−4−2, Contact Discharge
VPP
16
30
30
kV
Maximum ratings are those values beyond which device damage can occur.
Maximum ratings applied to the device are individual stress limit values (not
normal operating conditions) and are not valid simultaneously. If these limits
are exceeded, device functional operation is not implied, damage may occur
and reliability may be affected.
1. Mounted on FR−5 Board = 1.0 X 0.75 X 0.062 in.
2. Non−repetitive pulse per Figure 1.
3. Non−repetitive pulse per Figure 2.
SC−70/SOT−323
CASE 419
STYLE 4
1
3
2
1
2
Device
Package
Shipping
ORDERING INFORMATION
DF3A6.8FUT1
SC−70
3000/Tape & Reel
68
MARKING
DIAGRAM
Preferred devices are recommended choices for future use
and best overall value.
http://onsemi.com
68
= Specific Device Code
M
= Date Code
DF3A6.8FUT1G
SC−70
(Pb−Free)
3000/Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn