Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5332 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CS5332
Description  Two?뭁hase Buck Controller with Integrated Gate Drivers for VRM 9.0
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5332 Datasheet(HTML) 2 Page - ON Semiconductor

  CS5332 Datasheet HTML 1Page - ON Semiconductor CS5332 Datasheet HTML 2Page - ON Semiconductor CS5332 Datasheet HTML 3Page - ON Semiconductor CS5332 Datasheet HTML 4Page - ON Semiconductor CS5332 Datasheet HTML 5Page - ON Semiconductor CS5332 Datasheet HTML 6Page - ON Semiconductor CS5332 Datasheet HTML 7Page - ON Semiconductor CS5332 Datasheet HTML 8Page - ON Semiconductor CS5332 Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
CS5332
http://onsemi.com
2
300 nH
600 nH
600 nH
3 × 16SP270M
8 × 4SP560M
12 × 10 μF
4.87 k
1.0 k
0.1 μF
.01 μF
.01 μF
0.1 μF
56.2 k
VOUT
VID4
VID3
VID2
VID1
VID0
2.74 k
ENABLE
COMP
VFB
VDRP
CS1
CS2
PWRGD
CSREF
VID0
VID2
VID3
VID4
ILIM
REF
VCCH2
GATE(H)2
LGND
SS
GATE(L)2
VCCL1
GND1
VCCH1
GATE(H)1
GND2
GATE(L)1
VCCL
ROSC
VID1
+
+
1.0 μF
1.0 μF
1.0 μF
1.0 nF
1.0 nF
1.0 nF
1.0 nF
25.4 k
10 k
1.0 μF
25.5 k
25.5 k
.01 μF
VCCL2
PWRGD
+5 V
+12 V
Figure 1. Application Diagram, Pentium™ 4 Converter


Similar Part No. - CS5332

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5330A CIRRUS-CS5330A Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5330A CIRRUS-CS5330A Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5330A-BS CIRRUS-CS5330A-BS Datasheet
899Kb / 30P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5330A-BS CIRRUS-CS5330A-BS Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
CS5330A-BSR CIRRUS-CS5330A-BSR Datasheet
254Kb / 16P
   8-Pin, Stereo A/D Converter for Digital Audio
More results

Similar Description - CS5332

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5308 ONSEMI-CS5308 Datasheet
1Mb / 31P
   Two?뭁hase PWM Controller with Integrated Gate Drivers for VRM 8.5
July, 2006 ??Rev. 6
NCP5306 ONSEMI-NCP5306 Datasheet
872Kb / 24P
   Three?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 3
CS5307 ONSEMI-CS5307 Datasheet
880Kb / 24P
   Four?뭁hase VRM 9.0 Buck Controller
July, 2006 ??Rev. 9
CS5303 ONSEMI-CS5303 Datasheet
390Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers
July, 2006 ??Rev. 14
NCP5322A ONSEMI-NCP5322A_07 Datasheet
718Kb / 31P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
January, 2007 ??Rev. 5
CS5302 ONSEMI-CS5302 Datasheet
342Kb / 17P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 4?묪it DAC
July, 2006 ??Rev.7
CS5322 ONSEMI-CS5322 Datasheet
406Kb / 21P
   Two?뭁hase Buck Controller with Integrated Gate Drivers and 5?묪it DAC
July, 2006 ??Rev. 7
CS5301 ONSEMI-CS5301_06 Datasheet
181Kb / 19P
   Three?뭁hase Buck Controller with Integrated Gate Drivers and Power Good
February, 2006 ??Rev. 12
NCP5383 ONSEMI-NCP5383 Datasheet
15Kb / 1P
   Two Phase Buck Controller with Integrated Gate Drivers and AVP
3/15/2007
NCP5331 ONSEMI-NCP5331_05 Datasheet
431Kb / 36P
   Two-Phase PWM Controller with Integrated Gate Drivers
March, 2005 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com