Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS5332 Datasheet(PDF) 6 Page - ON Semiconductor

Part No. CS5332
Description  Two−Phase Buck Controller with Integrated Gate Drivers for VRM 9.0
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

CS5332 Datasheet(HTML) 6 Page - ON Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
CS5332
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (0°C < TA < 70°C; 0°C < TJ < 125°C; 4.7 V < VCCL < 14 V; 8.0 V < VCCH < 20 V;
CGATE(H) = 3.3 nF, CGATE(L) = 3.3 nF, RR(OSC) = 32.4 k, CCOMP = 1.0 nF, CSS = 0.1 μF, CREF = 0.1 μF, DAC Code 10000, CVCC = 1.0 μF,
ILIM ≥ 1.0 V; unless otherwise specified.)
Characteristic
Unit
Max
Typ
Min
Test Conditions
GATE(H) and GATE(L)
High Voltage (AC)
Note 4 Measure VCCLX − GATE(L)X or
VCCHX − GATE(H)X
0
1.0
V
Low Voltage (AC)
Note 4 Measure GATE(L)X or GATE(H)X
0
0.5
V
Rise Time GATE(H)X
1.0 V < GATE < 8.0 V; VCCHX = 10 V
35
80
ns
Rise Time GATE(L)X
1.0 V < GATE < 8.0 V; VCCLX = 10 V
35
80
ns
Fall Time GATE(H)X
8.0 V > GATE > 1.0 V; VCCHX = 10 V
35
80
ns
Fall Time GATE(L)X
8.0 V > GATE > 1.0 V; VCCLX = 10 V
35
80
ns
GATE(H) to GATE(L) Delay
GATE(H)X < 2.0 V, GATE(L)X > 2.0 V
30
65
110
ns
GATE(L) to GATE(H) Delay
GATE(L)X < 2.0 V, GATE(H)X > 2.0 V
30
65
110
ns
GATE Pull−down
Force 100 μA into GATE Driver with no power
applied to VCCHX and VCCLX = 2.0 V.
1.2
1.6
V
Oscillator
Switching Frequency
Measure any phase (ROSC = 32.4k)
300
400
500
kHz
Switching Frequency
Note 4 Measure any phase (ROSC = 63.4 k)
150
200
250
kHz
Switching Frequency
Note 4 Measure any phase (ROSC = 16.2 k)
600
800
1000
kHz
ROSC Voltage
1.00
V
Phase Delay
Rising Edge Only
165
180
195
deg
Adaptive Voltage Positioning
VDRP Output Voltage to DACOUT
Offset
CS1 = CS2 = CSREF, VFB = COMP
Measure VDRP − COMP
−15
15
mV
Maximum VDRP Voltage
(CS1 = CS2) − CREF = 50 mV,
VFB = COMP, Measure VDRP − COMP
240
310
380
mV
Current Sense Amp to VDRP Gain
2.75
3.15
3.65
V/V
Current Sensing and Sharing
CSREF Input Bias Current
V(CSx) = V(CSREF) = 0 V
0.5
4.0
μA
CS1−CS2 Input Bias Current
V(CSx) = V(CSREF) = 0 V
0.2
2.0
μA
Current Sense Amplifiers Gain
2.80
3.15
3.53
V/V
Current Sense Amp Mismatch
Note 4 0 ≤ (CSx − CSREF) ≤ 50 mV
−5.0
5.0
mV
Current Sense Amplifiers Input
Common Mode Range Limit
Note 4
0
VCCL − 2
V
Current Sense Input to ILIM Gain
0.25 V < ILIM < 1.20 V
5.00
6.25
8.00
V/V
Current Limit Filter Slew Rate
Note 4
4.0
10
26
mV/μs
ILIM Bias Current
0 < ILIM < 1.0 V
0.1
1.0
μA
Single Phase Pulse by Pulse
Current Limit: V(CSx) − V(CSREF)
90
105
135
mV
Current Share Amplifier Bandwidth
Note 4
1.0
mHz
4. Guaranteed by design. Not tested in production.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn