Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADM2023E Datasheet(PDF) 1 Page - Analog Devices

Part No. ADM2023E
Description  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 1 page
background image
EMI/EMC-Compliant, ±15 kV, ESD-Protected
RS-232 Line Drivers/Receivers
ADM202E/ADM1181A
Rev. C
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2005 Analog Devices, Inc. All rights reserved.
FEATURES
Complies with 89/336/EEC EMC directive
ESD protection to IEC1000-4-2 (801.2)
±8 kV: contact discharge
±15 kV: air-gap discharge
±15 kV: human body model
EFT fast transient/burst immunity (IEC1000-4-4)
Low EMI emissions (EN55022)
230 kbits/s data rate guaranteed
TSSOP package option
Upgrade for MAX202E, 232E, LT1181A
APPLICATIONS
General-purpose RS-232 data link
Portable instruments
PDAs
GENERAL DESCRIPTION
The ADM202E and ADM1181A are robust, high speed,
2-channel RS-232/V.28 interface devices that operate from a
single 5 V power supply. Both products are suitable for operation
in harsh electrical environments and are compliant with the EU
directive on EMC (89/336/EEC). Both the level of electromagnetic
emissions and immunity are in compliance. EM immunity
includes ESD protection in excess of ±15 kV on all I/O lines,
fast transient/burst protection (1000-4-4), and radiated
immunity (1000-4-3). EM emissions include radiated and
conducted emissions as required by Information Technology
Equipment EN55022, CISPR22.
The ADM202E and ADM1181A conform to the EIA-232E
and CCITT V.28 specifications and operate at data rates up
to 230 kbps.
Four external 0.1 µF charge-pump capacitors are used for the
voltage doubler/inverter, permitting operation from a single
5 V supply.
FUNCTIONAL BLOCK DIAGRAMS
*INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT
C1+
C1–
C2+
C2–
VCC
10V
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
5V INPUT
C3
6.3V
+10V TO –10V
VOLTAGE
INVERTER
C4
10V
T1OUT
T1IN
C5
T2OUT
T2IN
ADM202E
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
GND
T1
T2
R1
R2
0.1
µF
0.1
µF
0.1
µF
0.1
µF
0.1
µF
Figure 1.
*INTERNAL 5kΩ PULL-DOWN RESISTOR ON EACH RS-232 INPUT
C1+
C1–
C2+
C2–
VCC
0.1
µF
10V
10V
V+
V–
+5V TO +10V
VOLTAGE
DOUBLER
5V INPUT
C3
10V
+10V TO –10V
VOLTAGE
INVERTER
C4
0.1
µF
10V
T1OUT
T1IN
C5
0.1
µF
10V
T2OUT
T2IN
ADM1181A
R1OUT
R2OUT
R1IN
R2IN
CMOS
INPUTS
CMOS
OUTPUTS
EIA/TIA-232
OUTPUTS
EIA/TIA-232
INPUTS
*
GND
T1
T2
R1
R2
0.1
µF
0.1
µF
Figure 2.
The ADM202E provides a robust pin-compatible upgrade for
existing ADM202, ADM232L, or MAX202E/MAX232E sockets.
It is available in a 16-lead PDIP, a wide SOIC, a narrow SOIC,
and a space-saving TSSOP package that is 44% smaller than the
SOIC package.
The ADM1181A provides a robust pin-compatible upgrade for
the LTC1181A, and it is available in a 16-lead PDIP package
and a wide 16-lead SOIC package.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADG1206Low Capacitance 16- and 8-Channel +-15 V/+12 V iCMOS Multiplexers 1 2 3 4 5 MoreAnalog Devices
ADG1208Low Capacitance 4-/8-Channel +-15 V/+12 V iCMOS Multiplexers 1 2 3 4 5 MoreAnalog Devices
ADG1233Low Capacitance Triple/Quad SPDT +-15 V/+12 V i CMOS Switches 1 2 3 4 5 MoreAnalog Devices
ADG13084- and 8-Channel +-15 V/+12 V Multiplexers 1 2 3 4 5 MoreAnalog Devices
ADG1311+-15 V/12 V Quad SPST Switches 1 2 3 4 5 MoreAnalog Devices
ADG14334 OHM RON Triple/Quad SPDT +-15 V/+12 V/+-5 V iCMOS Switches 1 2 3 4 5 MoreAnalog Devices
OPA2048CASelf-Scanning Line Sensor 1 2 3 4 5 MoreOKI electronic componets
PJLC1V5LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1 2 3 4 Pan Jit International Inc.
ADD85044- 5- 6-Channel Muxed Input Line Inversion LCD Gamma Buffers 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl