Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


ADM2023E Datasheet(PDF) 4 Page - Analog Devices

Part No. ADM2023E
Description  EMI/EMC-Compliant, -15 kV, ESD-Protected RS-232 Line Drivers/Receivers
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  AD [Analog Devices]
Homepage  http://www.analog.com
Logo 

 
 4 page
background image
ADM202E/ADM1181A
Rev. C | Page 4 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 2.
Parameter
Values
VCC
−0.3 V to +6 V
V+
(VCC − 0.3 V) to +14 V
V–
+0.3 V to −14 V
Input Voltages
TIN
0.3 V to (V+, +0.3 V)
RIN
±30 V
Output Voltages
TOUT
±15 V
ROUT
–0.3 V to (VCC + 0.3 V)
Short-Circuit Duration
TOUT
Continuous
Power Dissipation N-16
450 mW
(Derate 6 mW/°C Above 50°C)
θJA, Thermal Impedance
117°C/W
Power Dissipation R-16
450 mW
(Derate 6 mW/°C Above 50°C)
θJA, Thermal Impedance
158°C/W
Power Dissipation RU-16
500 mW
(Derate 6 mW/°C Above 50°C)
θJA, Thermal Impedance
158°C/W
Operating Temperature Range
Industrial (A Version)
–40°C to +85°C
Storage Temperature Range
–65°C to +150°C
Lead Temperature (Soldering, 10 sec)
300°C
ESD Rating (MIL-STD-883B) (I/O Pins)
±15 kV
ESD Rating (IEC1000-4-2 Air) (I/O Pins)
±15 kV
ESD Rating (IEC1000-4-2 Contact)
(I/O Pins)
±8 kV
EFT Rating (IEC1000-4-4) (I/O Pins)
±2 kV
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to
absolute maximum rating conditions for extended periods may
affect device reliability.
ESD CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily accumulate on
the human body and test equipment and can discharge without detection. Although this product features
proprietary ESD protection circuitry, permanent damage may occur on devices subjected to high energy
electrostatic discharges. Therefore, proper ESD precautions are recommended to avoid performance
degradation or loss of functionality.




Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADG1206Low Capacitance 16- and 8-Channel +-15 V/+12 V iCMOS Multiplexers 1 2 3 4 5 MoreAnalog Devices
ADG1208Low Capacitance 4-/8-Channel +-15 V/+12 V iCMOS Multiplexers 1 2 3 4 5 MoreAnalog Devices
ADG1233Low Capacitance Triple/Quad SPDT +-15 V/+12 V i CMOS Switches 1 2 3 4 5 MoreAnalog Devices
ADG13084- and 8-Channel +-15 V/+12 V Multiplexers 1 2 3 4 5 MoreAnalog Devices
ADG1311+-15 V/12 V Quad SPST Switches 1 2 3 4 5 MoreAnalog Devices
ADG14334 OHM RON Triple/Quad SPDT +-15 V/+12 V/+-5 V iCMOS Switches 1 2 3 4 5 MoreAnalog Devices
OPA2048CASelf-Scanning Line Sensor 1 2 3 4 5 MoreOKI electronic componets
PJLC1V5LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS 1 2 3 4 Pan Jit International Inc.
ADD85044- 5- 6-Channel Muxed Input Line Inversion LCD Gamma Buffers 1 2 3 4 5 MoreAnalog Devices

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl