Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5165AGDWR16G Datasheet(PDF) 11 Page - ON Semiconductor

Part # CS5165AGDWR16G
Description  5?묪it Synchronous CPU Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165AGDWR16G Datasheet(HTML) 11 Page - ON Semiconductor

Back Button CS5165AGDWR16G Datasheet HTML 7Page - ON Semiconductor CS5165AGDWR16G Datasheet HTML 8Page - ON Semiconductor CS5165AGDWR16G Datasheet HTML 9Page - ON Semiconductor CS5165AGDWR16G Datasheet HTML 10Page - ON Semiconductor CS5165AGDWR16G Datasheet HTML 11Page - ON Semiconductor CS5165AGDWR16G Datasheet HTML 12Page - ON Semiconductor CS5165AGDWR16G Datasheet HTML 13Page - ON Semiconductor CS5165AGDWR16G Datasheet HTML 14Page - ON Semiconductor CS5165AGDWR16G Datasheet HTML 15Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
CS5165A
http://onsemi.com
11
Figure 17. Output Voltage Transient Response to a 14
A Load Turn−Off, VOUT = +2.84 V (DAC = 10111)
Trace 1− GATE(H) (10 V/div.)
Trace 2− Inductor Switching Node (5.0 V/div.)
Trace 3− Load Current (5.0 A/div)
Trace 4− VOUT (100 mV/div.)
PROTECTION AND MONITORING FEATURES
Short Circuit Protection
A lossless hiccup mode short circuit protection feature is
provided, requiring only the Soft−Start capacitor to implement.
If a short circuit condition occurs the VFB low comparator sets
the FAULT latch. This causes the top FET to shut off,
disconnecting the regulator from it’s input voltage. The
Soft−Start capacitor is then slowly discharged by a 2.0
mA
current source until it reaches it’s lower 0.7 V threshold. The
regulator will then attempt to restart normally, operating in it’s
extended off time mode with a 50% duty cycle, while the
Soft−Start capacitor is charged with a 60
mA charge current.
If the short circuit condition persists, the regulator output
will not achieve the 1.0 V low VFB comparator threshold
before the Soft−Start capacitor is charged to it’s upper 2.5 V
threshold. If this happens the cycle will repeat itself until the
short is removed. The Soft−Start charge/discharge current
ratio sets the duty cycle for the pulses (2.0
mA/60 mA = 3.3%),
while actual duty cycle is half that due to the extended off time
mode (1.65%).
This protection feature results in less stress to the regulator
components, input power supply, and PC board traces than
occurs with constant current limit protection (see Figures 18
and 19).
If the short circuit condition is removed, output voltage will
rise above the 1.0 V level, preventing the FAULT latch from
being set, allowing normal operation to resume.
Figure 18. Demonstration Board Hiccup Mode Short
Circuit Protection. Gate Pulses are Delivered While
the Soft−Start Capacitor Charges, and Cease During
Discharge
M 25.0 ms
Trace 3− Soft−Start Timing Capacitor (1.0 V/div.)
Trace 4− 5.0 V Supply Voltage (2.0 V/div.)
Trace 2− Inductor Switching Node (2.0 V/div.)
Figure 19. Demonstration Board Startup with
Regulator Output Shorted To Ground
M 50.0
ms
Trace 4− 5.0 V from PC Power Supply (2.0 V/div.)
Trace 2− Inductor Switching Node (2.0 V/div.)
Overvoltage Protection
Overvoltage protection (OVP) is provided as result of the
normal operation of the V2 control topology and requires no
additional external components. The control loop responds to
an overvoltage condition within 100 ns, causing the top
MOSFET to shut off, disconnecting the regulator from it’s
input voltage. The bottom MOSFET is then activated, resulting
in a “crowbar” action to clamp the output voltage and prevent
damage to the load (see Figures 20 and 21 ). The regulator will


Similar Part No. - CS5165AGDWR16G

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
CS5165 CHERRY-CS5165 Datasheet
278Kb / 19P
   Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
logo
ON Semiconductor
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS5165GDW16 CHERRY-CS5165GDW16 Datasheet
278Kb / 19P
   Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
logo
ON Semiconductor
CS5165GDW16 ONSEMI-CS5165GDW16 Datasheet
718Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
logo
Cherry Semiconductor Co...
CS5165GDWR16 CHERRY-CS5165GDWR16 Datasheet
278Kb / 19P
   Fast, Precise 5-Bit Synchronous Buck Controller for the Next Generation Low Voltage Pentium II Processors
More results

Similar Description - CS5165AGDWR16G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5157H ONSEMI-CS5157H Datasheet
432Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
October, 2005 ??Rev. 7
CS5161 ONSEMI-CS5161 Datasheet
589Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 12
CS5165H ONSEMI-CS5165H Datasheet
722Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 5
CS5160 ONSEMI-CS5160 Datasheet
584Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5158 ONSEMI-CS5158 Datasheet
607Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 6
CS5155H ONSEMI-CS5155H Datasheet
623Kb / 17P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 3
CS5157 ONSEMI-CS5157 Datasheet
603Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 7
CS5165 ONSEMI-CS5165 Datasheet
718Kb / 21P
   5?묪it Synchronous CPU Buck Controller
July, 2006 ??Rev. 4
CS5155 ONSEMI-CS5155 Datasheet
635Kb / 18P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 4
CS5159 ONSEMI-CS5159 Datasheet
607Kb / 16P
   CPU 5?묪it Synchronous Buck Controller
July, 2006 ??Rev. 5
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com