Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CS5253B-1 Datasheet(PDF) 8 Page - ON Semiconductor

Part # CS5253B-1
Description  3.0 A LDO 5-Pin Adjustable Linear Regulator with Remote Sense Applications
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5253B-1 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button CS5253B-1 Datasheet HTML 2Page - ON Semiconductor CS5253B-1 Datasheet HTML 3Page - ON Semiconductor CS5253B-1 Datasheet HTML 4Page - ON Semiconductor CS5253B-1 Datasheet HTML 5Page - ON Semiconductor CS5253B-1 Datasheet HTML 6Page - ON Semiconductor CS5253B-1 Datasheet HTML 7Page - ON Semiconductor CS5253B-1 Datasheet HTML 8Page - ON Semiconductor CS5253B-1 Datasheet HTML 9Page - ON Semiconductor CS5253B-1 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
CS5253B−1
http://onsemi.com
8
VOUT is in regulation. Further increase in the supply voltage
brings the pass transistor out of dropout. In this manner, any
output voltage less than 13 V may be regulated, provided the
VPOWER to VOUT differential is less than 6.0 V. In the case
where VCONTROL and VPOWER are shorted, there is no
theoretical limit to the regulated voltage as long as the
VPOWER to VOUT differential of 6.0 V is not exceeded.
There is a possibility of damaging the IC when VPOWER
− VOUT is greater than 6.0 V if a short circuit occurs. Short
circuit conditions will result in the immediate operation of
the pass transistor outside of its safe operating area.
Overvoltage stresses will then cause destruction of the pass
transistor before overcurrent or thermal shutdown circuitry
can become active. Additional circuitry may be required to
clamp the VPOWER to VOUT differential to less than 6.0 V
if fail safe operation is required. One possible clamp circuit
is illustrated in Figure 21; however, the design of clamp
circuitry must be done on an application by application
basis. Care must be taken to ensure the clamp actually
protects the design. Components used in the clamp design
must be able to withstand the short circuit condition
indefinitely while protecting the IC.
Figure 21. This Circuit Is an Example of How the
CS5253B−1 Can Be Short−Circuit Protected When
Operating With VOUT > 6.0 V
VCONTROL
VPOWER
VSENSE
VOUT
VADJ
External Supply
External
Supply
CS5253B−1
Stability Considerations
The output compensation capacitor helps determine three
main characteristics of a linear regulator: loop stability,
startup delay, and load transient response. Different
capacitor types vary widely in tolerance, Equivalent Series
Resistance (ESR), Equivalent Series Inductance (ESI), and
variation
overtemperature.
Tantalum
and
aluminum
electrolytic
capacitors
work
best,
with
electrolytic
capacitors being less expensive in general, but varying more
in capacitor value and ESR overtemperature.
The CS5253B−1 requires an output capacitor to guarantee
loop stability. The Stability vs ESR graph in the typical
performance section shows the minimum ESR needed to
guarantee stability, but under ideal conditions. These
include: having VOUT connected to VSENSE directly at the
IC pins; the compensation capacitor located right at the pins
with a minimum lead length; the adjust feedback resistor
divider ground, (bottom of R2 in Figure 20), connected right
at the capacitor ground; and with power supply decoupling
capacitors located close to the IC pins. The actual
performance will vary greatly with board layout for each
application. In particular, the use of the remote sensing
feature will require a larger capacitor with less ESR. For
most applications, a minimum of 33
mF tantalum or 150 mF
aluminum electrolytic, with an ESR less than 1.0
W
overtemperature, is recommended. Larger capacitors and
lower ESR will improve stability.
The load transient response, during the time it takes the
regulator to respond, is also determined by the output
capacitor. For large changes in load current, the ESR of the
output capacitor causes an immediate drop in output voltage
given by:
DV + DI
ESR
There is then an additional drop in output voltage given
by:
DV + DI
T C
where T is the time for the regulation loop to begin to
respond. The very fast transient response time of the
CS5253B−1 allows the ESR effect to dominate. For
microprocessor applications, it is customary to use an output
capacitor network consisting of several tantalum and
ceramic capacitors in parallel. This reduces the overall ESR
and reduces the instantaneous output voltage drop under
transient load conditions. The output capacitor network
should be as close to the load as possible for the best transient
response.
Protection Diodes
When large external capacitors are used with a linear
regulator, it is sometimes necessary to add protection diodes.
If the input voltage of the regulator gets shorted, the output
capacitor will discharge into the output of the regulator. The
discharge current depends on the value of the capacitor, the
output voltage, and the rate at which VCONTROL drops. In
the CS5253B−1 regulator, the discharge path is through a
large junction and protection diodes are not usually needed.
If the regulator is used with large values of output


Similar Part No. - CS5253B-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253B-1GDPR5G ONSEMI-CS5253B-1GDPR5G Datasheet
223Kb / 2P
   12 V Telecom Power Conversion Solutions
Rev. 2, Sep-2006
More results

Similar Description - CS5253B-1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5253B-8 ONSEMI-CS5253B-8 Datasheet
64Kb / 8P
   3.0 A LDO 5-Pin 2.5 V Fixed Linear Regulator for Remote Sense Applications
June, 2004 ??Rev. 5
CS5253B-8 ONSEMI-CS5253B-8_05 Datasheet
81Kb / 8P
   3.0 A LDO 5?뭁in 2.5 V Fixed Linear Regulator for Remote Sense Applications
October, 2005??Rev. 6
CS5253-1 ONSEMI-CS5253-1 Datasheet
268Kb / 10P
   3.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006??Rev. 11
logo
Cherry Semiconductor Co...
CS52510-1 CHERRY-CS52510-1 Datasheet
154Kb / 9P
   10A LDO 5-Pin Adjustable Linear Regulator
CS5257A-1 CHERRY-CS5257A-1 Datasheet
173Kb / 9P
   7A LDO 5-Pin Adjustable Linear Regulator
CS5258-1 CHERRY-CS5258-1 Datasheet
153Kb / 9P
   8A LDO 5-Pin Adjustable Linear Regulator
CS5253-1 CHERRY-CS5253-1 Datasheet
171Kb / 9P
   3A LDO 5-Pin Adjustable Linear Regulator
logo
ON Semiconductor
CS52510-1 ONSEMI-CS52510-1 Datasheet
262Kb / 10P
   10 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
CS5257A-1 ONSEMI-CS5257A-1 Datasheet
274Kb / 11P
   7.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 10
CS5258-1 ONSEMI-CS5258-1 Datasheet
255Kb / 10P
   8.0 A LDO 5?뭁in Adjustable Linear Regulator
September, 2006 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com