Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

CS5165A Datasheet(PDF) 6 Page - ON Semiconductor

Part No. CS5165A
Description  5−Bit Synchronous CPU Buck Controller
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CS5165A Datasheet(HTML) 6 Page - ON Semiconductor

Back Button CS5165A Datasheet HTML 2Page - ON Semiconductor CS5165A Datasheet HTML 3Page - ON Semiconductor CS5165A Datasheet HTML 4Page - ON Semiconductor CS5165A Datasheet HTML 5Page - ON Semiconductor CS5165A Datasheet HTML 6Page - ON Semiconductor CS5165A Datasheet HTML 7Page - ON Semiconductor CS5165A Datasheet HTML 8Page - ON Semiconductor CS5165A Datasheet HTML 9Page - ON Semiconductor CS5165A Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
CS5165A
http://onsemi.com
6
PACKAGE PIN DESCRIPTION
PACKAGE PIN #
SOIC−16
PIN SYMBOL
FUNCTION
1, 2, 3, 4, 6
VID0−VID4
Voltage ID DAC input pins. These pins are internally pulled up to 5.0 V if left open. VID4 selects
the DAC range. When VID4 is high (logic one), the Error Amp reference range is 2.14 V to 3.45 V
with 100 mV increments. When VID4 is low (logic zero), the Error Amp reference voltage 1.34 V
to 2.09 V with 50 mV increments.
5
SS
Soft−Start Pin. A capacitor from this pin to LGND sets the Soft−Start and fault timing.
7
COFF
Off−Time Capacitor Pin. A capacitor from this pin to LGND sets both the normal and extended off
time.
8
ENABLE
Output Enable Input. This pin is internally pulled up to 1.8 V. A logic Low (< 0.8) on this pin
disables operation and places the CS5165A into a low current sleep mode.
9
VCC
Input Power Supply Pin.
10
GATE(H)
High Side Switch FET driver pin.
11
PGND
High current ground for the GATE(H) and GATE(L) pins.
12
GATE(L)
Low Side Synchronous FET driver pin.
13
PWRGD
Power Good Output. Open collector output drives low when VFB is out of regulation. Active when
ENABLE input is low.
14
LGND
Reference ground. All control circuits are referenced to this pin.
15
COMP
Error Amp output. PWM Comparator reference input. A capacitor to LGND provides Error Amp
compensation.
16
VFB
Error Amp, PWM Comparator, and Low VFB Comparator feedback input.
Figure 2. Block Diagram
ENABLE
SS
VID0
VID1
VID2
VID3
VID4
VFB Low
Comparator
PWRGD
LGND
PWM
Comparator
SS Low
Comparator
SS High
Comparator
VCC Monitor
Error Amplifier
VCC1
VCC
COFF
VGATE(H)
VGATE(L)
PGND
FAULT
FAULT
FAULT
Latch
PGND
R
S
Q
Q
R
S
Q
Q
R
S
Q
Latch
PWM
COFF
One Shot
Off−Time
Timeout
Edge Triggered
Extended
Off−Time
Timeout
Normal
Off−Time
Timeout
Maximum
On−Time
Timeout
GATE(H) = ON
GATE(H) = OFF
2.0
mA
60
mA
5.0 V
0.7 V
2.5 V
1.0 V
3.95 V
3.87V
VFB
COMP
PWM COMP
+
VCC
VCC
Time−Out
Timer
(30
ms)
Enable
Comparator
Circuit Bias
−8.5%
+8.5%
+
+
+
+
+
+
+−
+
1.25 V
20 k
7.0
mA
5 BIT
DAC
65
ms
Delay
Blanking


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
CS5159 CPU 5−Bit Synchronous Buck Controller 1  2  3  4  5  More ON Semiconductor
CS5160 CPU 5−Bit Synchronous Buck Controller 1  2  3  4  5  More ON Semiconductor
CS5161 CPU 5−Bit Synchronous Buck Controller 1  2  3  4  5  More ON Semiconductor
Z16C01 CPU CENTRAL PROCESSING UNIT 1  2  3  4  5  More Zilog, Inc.
IS61SF25616 256K x 16 256K x 18 SYNCHRONOUS FLOW-THROUGH STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
IS61SP6464 64K x 64 SYNCHRONOUS PIPELINE STATIC RAM 1  2  3  4  5  More Integrated Silicon Solution, Inc
MT9LSDT872 SYNCHRONOUS DRAM MODULE 1  2  3  4  5  More Micron Technology
AP3842 High Performance Current Mode PWM Controller 1  2  3  4  5  More Anachip Corp
BI3101A DUAL RWM CCFL CONTROLLER 1  2  3  4  5  More List of Unclassifed Manufacturers
M306V5ME-XXXSP SINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1  2  3  4  5  More Mitsubishi Electric Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn