Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041AARQZ-REEL7 Datasheet(PDF) 22 Page - Analog Devices

Part # ADM1041AARQZ-REEL7
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041AARQZ-REEL7 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADM1041AARQZ-REEL7 Datasheet HTML 18Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 19Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 20Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 21Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 22Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 23Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 24Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 25Page - Analog Devices ADM1041AARQZ-REEL7 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
ADM1041A
Rev. 0 | Page 22 of 56
OVERCURRENT PROTECTION
When the current limit threshold is reached, the OCP com-
parator detects when the current error amplifier comes out of
saturation. Its threshold is nominally 0.5 V. This starts a timer
that, when it times out, causes an OCP condition to occur and
the power supply to shut down. If the current limit disappears
before the time has expired, the timer is reset. The time period
is configurable via the SMBus. Undervoltage blanking is applied
during the timer operation. See Figure 15.
CURRENT SHARE
The current-share method is the master–slave type, which
means that the power supply with the highest output current
automatically becomes the master and controls the share bus
signal. All other power supplies become slaves, and the share
bus signal causes them to increase their output voltages slightly
until their output currents are almost equal to that of the
master. This scheme has two major advantages. A failed master
power supply simply allows one of the slaves to become the new
master. A short-circuited share signal disables current sharing,
but all power supplies default to their normal voltage setting,
allowing a certain degree of passive sharing. Because this chip
uses a low voltage process, an external bidirectional amplifier is
needed for most existing share bus signal levels. The voltage
between Pins 20 and 23 is always controlled to 2.0 V full scale,
ignoring any offset. By connecting Pins 20 and 23 together, the
chip can produce a 2.0 V share signal directly without any
external circuits. To improve accuracy, the share signal is
referenced to the remote voltage sense negative (VS-) pin.
3V
1V
020
0
40
60
80 100%
VSHARE
IOUT
OFFSET
2V
Figure 14. Load Share Characteristic
CURRENT-SHARE OFFSET
To satisfy some customer specifications, the current-share
signal can be offset by a fixed amount by using a trimmable
current generator and a series resistor. The offset is added
on top of the 2.0 V full-scale, current-share output signal.
See Figure 15.
ISHARE DRIVE AMPLIFIER
This amplifier is a buffer with enough current source capability
to drive the current-share circuits of several slave power
supplies. It has negligible current sink capability. Refer to the
Differential Sense Amplifier section.
DIFFERENTIAL SENSE AMPLIFIER
This amplifier has unity gain and senses the difference between
the share bus voltage and the remote voltage sense negative pin.
When the power supply is the master, it forms a closed loop
with the ISHARE drive amplifier described previously, and
therefore it causes the share bus voltage between Pins 20 and 23
to equal the current-share signal at the noninverting input of
the ISHARE drive amplifier. When the power supply is a slave, the
output of the differential-sense amplifier exceeds the internal
current share signal, which causes the ISHARE drive amplifier to
be driven into cutoff. Because it is not possible to trim out
negative offsets in the op amps in the current-share chain, a
50 mV voltage source is used to provide a known fixed positive
offset. The share bus offset controlled current source must be
trimmed via the SMBus to take out the resulting overall offset.
See Figure 15.
ISHARE ERROR AMPLIFIER
This is a low gain transconductance amplifier that measures the
difference between the internal current share voltage and the
signal voltage on the external share bus. If two power supplies
have almost identical current-share signals, a 50 mV voltage
source on the inverting input helps arbitrate which power
supply becomes the master and prevents hunting between
master and slave roles. The amplifier requires only the output
pin for loop compensation, which typically consists of a series
RC network to common. When the power supply is a slave, the
output of the error amplifier comes out of saturation and begins
to drive a controlled current sink. The control threshold is
nominally 1.0 V. This current flows from a resistor in series
with the trimmed voltage loop signal and thereby attempts to
decrease the voltage signal below the 1.5 V reference for that
loop. The closed voltage loop reacts by increasing the power
supply’s output voltage until current share is achieved. The
maximum current sink is limited so that the power supply
voltage can be increased only a small amount, which is usually
limited to be within the customer’s specified voltage regulation
limit. This small voltage increase also limits the control range of
the current-share circuit and is called the capture range. The
capture range may be set via the SMBus to one of four values,
from 1% to 4% nominal. See Figure 15.
ISHARE CLAMP
This clamp keeps the current share-loop compensation
capacitor discharged when the current share is not required to
operate. The clamp is released during power-up when the
voltage reference and therefore the output voltage of the power
supply has risen to either 75% or 88% of its final value. This is
configurable via the SMBus. When the clamp is released, the
current share loop slowly walks in the current share and helps
to avoid output voltage spikes during hot swapping. See
Figure 15.


Similar Part No. - ADM1041AARQZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL7 AD-ADM1041ARQ-REEL7 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Similar Description - ADM1041AARQZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com