Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041AARQZ-REEL Datasheet(PDF) 24 Page - Analog Devices

Part # ADM1041AARQZ-REEL
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041AARQZ-REEL Datasheet(HTML) 24 Page - Analog Devices

Back Button ADM1041AARQZ-REEL Datasheet HTML 20Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 21Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 22Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 23Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 24Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 25Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 26Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 27Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 56 page
background image
ADM1041A
Rev. 0 | Page 24 of 56
PULSE/ACSENSE2
When configured, PULSE and ACSENSE monitor the output of
the power main transformer. See Figure 16.
PULSE
Providing the output of the pulse function (PULSE_OK) is
high, the FET in the OR’ing circuit can be turned on. If the
pulses stop for any reason, about 1 second later the PULSE_OK
goes low and the OrFET drive is disabled. This delay allows
passage of all expected pulse skipping modes that might occur
in no load or very light load situations. See Figure 16.
ACSENSE
This is rarely used to measure the ac input to the supply
directly. ACSENSE1 or ACSENSE2 are usually used to measure,
indirectly, the voltage across the bulk capacitor so that the
system can be signaled that power is normal. Also if power is
actually lost, ACSENSE represents when just enough energy is left
for an orderly shutdown of the power supply. See Figure 16.
The ac sense function monitors the amplitude of the incoming
pulse and, if sufficiently high, generates a flag to indicate that
the ac, or strictly speaking, the voltage on the bulk capacitor, is
okay. Because the envelope of the pulse has a considerable
amount of 100 Hz ripple, hysteresis is available on this input
pin. Internally there is a 20 μA to 80 μA current sink. With a
909R external Thevenin resistance, this current range translates
to a voltage hysteresis of 200 mV to 500 mV. The internal
hysteresis current is turned off when the voltage exceeds the
reference on the comparator. This form of hysteresis allows
simple scaling to be implemented by changing the source
impedance of the pulse-conditioning circuit. Some trimming
of hysteresis and threshold voltage is provided. The ac sense
function can be configured to be derived from ACSENSE2 rather
than ACSENSE1. This allows a separate dc input from various
locations to be used to generate AC_OK for better flexibility
or accuracy.
AC_OK
1.5V
0.525V
PULSE
ACSENSE1
ACSENSE2
SELECT
ACSENSE
5.3k
Ω
5.3k
Ω
TRIM
HYSTERESIS
PULSEOK
TO OrFET SOURCE
TO CURRENT-
SENSE RESISTOR
AND OrFET GATE
S
Q
R
S
Q
R
CLK
1 SEC
Q
R
10
9
CLK
1 mS
Q
R
Figure 16. Pulse In and ACSENSE Circuit


Similar Part No. - ADM1041AARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL7 AD-ADM1041ARQ-REEL7 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Similar Description - ADM1041AARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com