Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041AARQZ-REEL Datasheet(PDF) 53 Page - Analog Devices

Part # ADM1041AARQZ-REEL
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041AARQZ-REEL Datasheet(HTML) 53 Page - Analog Devices

Back Button ADM1041AARQZ-REEL Datasheet HTML 48Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 49Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 50Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 51Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 52Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 53Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 54Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 55Page - Analog Devices ADM1041AARQZ-REEL Datasheet HTML 56Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 53 / 56 page
background image
ADM1041A
Rev. 0 | Page 53 of 56
OUTLINE DIMENSIONS
24
13
12
1
0.236
BSC
PIN 1
0.154
BSC
SEATING
PLANE
0.010
0.004
0.012
0.008
0.025
BSC
0.069
0.053
0.010
0.006
0.050
0.016
0.065
0.049
COPLANARITY
0.004
0.341
BSC
COMPLIANT TO JEDEC STANDARDS MO-137AE
Figure 39. 24-Lead Shrink Small Outline Package [QSOP]
(RQ-24)
Dimensions shown in inches
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADM1041AARQZ1
−40°C to +85°C
24-Lead QSOP
RQ-24
ADM1041AARQZ-REEL1
−40°C to +85°C
24-Lead QSOP
RQ-24
ADM1041AARQZ-REEL71
−40°C to +85°C
24-Lead QSOP
RQ-24
1 Z = Pb-free part


Similar Part No. - ADM1041AARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL7 AD-ADM1041ARQ-REEL7 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Similar Description - ADM1041AARQZ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com