Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADM1041A Datasheet(PDF) 28 Page - Analog Devices

Part # ADM1041A
Description  Secondary-Side Controller with Current Share and Housekeeping
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM1041A Datasheet(HTML) 28 Page - Analog Devices

Back Button ADM1041A Datasheet HTML 24Page - Analog Devices ADM1041A Datasheet HTML 25Page - Analog Devices ADM1041A Datasheet HTML 26Page - Analog Devices ADM1041A Datasheet HTML 27Page - Analog Devices ADM1041A Datasheet HTML 28Page - Analog Devices ADM1041A Datasheet HTML 29Page - Analog Devices ADM1041A Datasheet HTML 30Page - Analog Devices ADM1041A Datasheet HTML 31Page - Analog Devices ADM1041A Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 56 page
background image
ADM1041A
Rev. 0 | Page 28 of 56
AC_OK
This output is true when either ACSENSE1 or ACSENSE2 is true
(configurable). It can be configured as an open-drain,
N-channel or P-channel MOSFET and as positive or negative
(inverted) logic. A pull-up or pull-down resistor is required.
This pin can be wire-OR’ed with the same pin on other
ADM1041As in the power supply. When the AC_OK pin is not
used as such, it can be configured as an analog input, MON5, or
as a voltage reference.
MON5
This is the alternative analog comparator function for the
AC_OK pin (Pin 18). The threshold is 2.5 V, and it has a
100 μA current source that allows hysteresis to be controlled by
adjusting the external source resistance. It is ideal for an OTP
sensing circuit using a thermistor as part of a voltage divider.
The OTP condition can be configured to latch off the power
supply (similar to OVP) or to allow an autorestart (soft OTP).
See Figure 22.
In Figure 22, MON2 and MON3 are configured to monitor a
negative 12 V rail. MON2 is configured as negative-going OVP,
and MON3 is configured as positive-going UVP. The 5 V power
rail is used for bias voltage.
18
10
16
7
1
MON2
VCC
+5V
–12V
MON3
THERMISTOR
MON5
Figure 22. Example of MON Pin Configuration
1.25V
1.5V
2.5V
OCP
2.5V
MON5
MON1
OVP
UVP
ACOK
ORFETOK
SHAREOK
RESET
VDDOK
VDDOV
PENOK
MON2
MON3
MON4
PSON
CLOCK
AC_OK
DC_OK
SERIAL
INTERFACE
CONFIGURE
I/Os
PWRON
CONTROL
LINES
CBD
PEN
PEN
SCL
CS
OCP
OTP/
MON5
MON1
MON2
MON3
MON4
PSON
AC_OK
DC_OK
CBD/ALERT
PEN
SDA/
PSONLINK
SCL/
AC_OKLink
ADD0
OVP
UVP
ACOK
ORFETOK
SHAREOK
VDDOV
PENOK
VDDOK
RESET
9
18
10
16
17
16
18
17
11
12
15
13
14
STATUS
(READ
REGISTERS)
CONFIGURE
(WRITE
REGISTERS)
CONTROL
REGISTERS
GENERAL
LOGIC
Figure 23. Block Diagram of Protection and General Logic


Similar Part No. - ADM1041A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041ARQ AD-ADM1041ARQ Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL AD-ADM1041ARQ-REEL Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041ARQ-REEL7 AD-ADM1041ARQ-REEL7 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
More results

Similar Description - ADM1041A

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM1041 AD-ADM1041 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041 AD-ADM1041_15 Datasheet
1Mb / 64P
   Secondary-Side Controller with Current Share and Housekeeping
REV. A
ADM1041A AD-ADM1041A_15 Datasheet
1Mb / 56P
   Secondary-Side Controller with Current Share and Housekeeping
REV. 0
logo
List of Unclassifed Man...
AS2316 ETC-AS2316 Datasheet
60Kb / 10P
   Secondary Side Housekeeping Circuit
logo
STMicroelectronics
L6611 STMICROELECTRONICS-L6611 Datasheet
609Kb / 28P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
L6610 STMICROELECTRONICS-L6610 Datasheet
544Kb / 29P
   DIGITALLY PROGRAMMABLE SECONDARY HOUSEKEEPING CONTROLLER
logo
Leadtrend Technology
LD8115A LEADTREND-LD8115A Datasheet
619Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
LD8115 LEADTREND-LD8115 Datasheet
554Kb / 12P
   Secondary-side Dimmable Constant Current and Voltage Controller
logo
Texas Instruments
UC1826 TI-UC1826 Datasheet
506Kb / 11P
[Old version datasheet]   Secondary Side Average Current Mode Controller
UC2849DW TI-UC2849DW Datasheet
532Kb / 21P
[Old version datasheet]   SECONDARY SIDE AVERAGE CURRENT MODE CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com