Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAW56TT1 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. BAW56TT1
Description  Dual Switching Diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAW56TT1 Datasheet(HTML) 1 Page - ON Semiconductor

  BAW56TT1 Datasheet HTML 1Page - ON Semiconductor BAW56TT1 Datasheet HTML 2Page - ON Semiconductor BAW56TT1 Datasheet HTML 3Page - ON Semiconductor BAW56TT1 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 2
1
Publication Order Number:
BAW56TT1/D
BAW56TT1
Preferred Device
Dual Switching Diode
Features
Pb−Free Package is Available
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Reverse Voltage
VR
70
Vdc
Forward Current
IF
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation,
FR−4 Board (Note 1), TA = 25°C
Derated above 25
°C
PD
225
1.8
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
(Note 1)
RθJA
555
°C/W
Total Device Dissipation,
FR−4 Board (Note 2), TA = 25°C
Derated above 25
°C
PD
360
2.9
mW
mW/
°C
Thermal Resistance, Junction−to−Ambient
(Note 2)
RθJA
345
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to +150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1. FR−4 @ Minimum Pad
2. FR−4 @ 1.0
× 1.0 Inch Pad
Device
Package
Shipping
ORDERING INFORMATION
BAW56TT1
SC−75/SOT−416
CASE 463
SC−75/SOT−416
STYLE 4
3000/Tape & Reel
MARKING DIAGRAM
1
Preferred devices are recommended choices for future use
and best overall value.
3
ANODE
CATHODE
1
2
CATHODE
BAW56TT1G
3000/Tape & Reel
SC−75/SOT−416
(Pb−Free)
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
A1 M
G
G
A1
= Specific Device Code
M
= Date Code*
G
= Pb−Free Package
1
(Note: Microdot may be in either location)
*Date Code orientation may vary depending upon
manufacturing location.
http://onsemi.com


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
BAV70TT1 Dual Switching Diode 1  2  3  4  5  More ON Semiconductor
BAS16DXV6T1 Dual Switching Diode 1  2  3  4  5  More ON Semiconductor
BAV70DXV6T1 Monolithic Dual Switching Diode Common Cathode 1  2  3  4  5  More ON Semiconductor
SI7842DP Dual N-Channel 30-V D-S MOSFET with Schottky Diode 1  2  3  4  5  Vishay Siliconix
ZXTDCM832 MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1  2  3  4  5  More Zetex Semiconductors
BA892V-04W Band Switching Diodes - Dual Series in SOT-323 1  2  3  4  5  Vishay Siliconix
1SS400T1 High−Speed Switching Diode 1  2  3  ON Semiconductor
BAS16XV2T1 Switching Diode 1  2  3  4  ON Semiconductor
NLAST9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
HMC581LP6 HIGH IP3 RFIC DUAL DOWNCONVERTER 800 - 960 MHz 1  2  3  4  5  More Hittite Microwave Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn