Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BAS16DXV6T1 Datasheet(PDF) 3 Page - ON Semiconductor

Part No. BAS16DXV6T1
Description  Dual Switching Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

BAS16DXV6T1 Datasheet(HTML) 3 Page - ON Semiconductor

  BAS16DXV6T1 Datasheet HTML 1Page - ON Semiconductor BAS16DXV6T1 Datasheet HTML 2Page - ON Semiconductor BAS16DXV6T1 Datasheet HTML 3Page - ON Semiconductor BAS16DXV6T1 Datasheet HTML 4Page - ON Semiconductor BAS16DXV6T1 Datasheet HTML 5Page - ON Semiconductor BAS16DXV6T1 Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
BAS16DXV6T1, BAS16DXV6T5
http://onsemi.com
3
Figure 1. Reverse Recovery Time Equivalent Test Circuit
Figure 2. Stored Charge Equivalent Test Circuit
Figure 3. Forward Recovery Voltage Equivalent Test Circuit
VF
1 ns MAX
90%
10%
t
100 ns
tif
trr
Irr
500 W
DUT
50 W
DUTY CYCLE = 2%
Vf
90%
10%
20 ns MAX
t
400 ns
VC
VCM
t
VCM + Qa
C
500 W DUT
BAW62
D1
243 pF
100 KW
DUTY CYCLE = 2%
V
120 ns
t
2 ns MAX
10%
90%
V
Vfr
1 KW
450 W
50 W
DUT
DUTY CYCLE = 2%
OSCILLOSCOPE
R
. 10 MW
C
3 7 pF


Html Pages

1  2  3  4  5  6 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn