Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

3EZ4.3D5 Datasheet(PDF) 1 Page - ON Semiconductor

Part No. 3EZ4.3D5
Description  3 Watt DO−41 Surmetic 30 Zener Voltage Regulators
Download  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

3EZ4.3D5 Datasheet(HTML) 1 Page - ON Semiconductor

   
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© Semiconductor Components Industries, LLC, 2006
March, 2006 − Rev. 4
1
Publication Order Number:
3EZ4.3D5/D
3EZ4.3D5 Series
3 Watt DO−41 SurmeticE 30
Zener Voltage Regulators
This is a complete series of 3 Watt Zener diodes with limits and
excellent operating characteristics that reflect the superior capabilities
of silicon−oxide passivated junctions. All this in an axial−lead,
transfer−molded plastic package that offers protection in all common
environmental conditions.
Specification Features:
Zener Voltage Range − 4.3 V to 330 V
ESD Rating of Class 3 (>16 KV) per Human Body Model
Surge Rating of 98 W @ 1 ms
Maximum Limits Guaranteed on up to Six Electrical Parameters
Package No Larger than the Conventional 1 Watt Package
w These devices are available in Pb−free package(s). Specifications herein
apply to both standard and Pb−free devices. Please see our website at
www.onsemi.com for specific Pb−free orderable part numbers, or
contact your local ON Semiconductor sales office or representative.
Mechanical Characteristics:
CASE:
Void free, transfer−molded, thermosetting plastic
FINISH:
All external surfaces are corrosion resistant and leads are
readily solderable
MAXIMUM LEAD TEMPERATURE FOR SOLDERING PURPOSES:
230°C, 1/16″ from the case for 10 seconds
POLARITY:
Cathode indicated by polarity band
MOUNTING POSITION:
Any
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Max. Steady State Power Dissipation
@ TL = 75°C, Lead Length = 3/8″
Derate above 75°C
PD
3
24
W
mW/°C
Steady State Power Dissipation
@ TA = 50°C
Derate above 50°C
PD
1
6.67
W
mW/°C
Operating and Storage
Temperature Range
TJ, Tstg
−65 to
+200
°C
Device
Package
Shipping
ORDERING INFORMATION
3EZxxxD5
Axial Lead
2000 Units/Box
3EZxxxD5RL*
Axial Lead
AXIAL LEAD
CASE 59
PLASTIC
6000/Tape & Reel
Cathode
Anode
†Polarity band up with cathode lead off first
} Polarity band down with cathode lead off first
L
3EZx
xxD5
YYWW
L
= Assembly Location
3EZxxxD5 = Device Code
= (See Table Next Page)
YY
= Year
WW
= Work Week
MARKING DIAGRAM
3EZxxxD5RR1 {
Axial Lead
2000/Tape & Reel
3EZxxxD5RR2 }
Axial Lead
2000/Tape & Reel
http://onsemi.com
*3EZ8.2D5 and 3EZ220D5 Not Available in
6000/Tape & Reel


Html Pages

1  2  3  4  5  6  7 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn