Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

2SC5658M3T5G Datasheet(PDF) 2 Page - Vaishali Semiconductor

Part No. 2SC5658M3T5G
Description  NPN Silicon General Purpose Amplifier Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VAISH [Vaishali Semiconductor]
Homepage  
Logo VAISH - Vaishali Semiconductor

2SC5658M3T5G Datasheet(HTML) 2 Page - Vaishali Semiconductor

  2SC5658M3T5G Datasheet HTML 1Page - Vaishali Semiconductor 2SC5658M3T5G Datasheet HTML 2Page - Vaishali Semiconductor 2SC5658M3T5G Datasheet HTML 3Page - Vaishali Semiconductor 2SC5658M3T5G Datasheet HTML 4Page - Vaishali Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2SC5658M3T5G
http://onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C)
Characteristic
Symbol
Min
Typ
Max
Unit
Collector-Base Breakdown Voltage (IC = 50 mAdc, IE = 0)
V(BR)CBO
50
Vdc
Collector-Emitter Breakdown Voltage (IC = 1.0 mAdc, IB = 0)
V(BR)CEO
50
Vdc
Emitter-Base Breakdown Voltage (IE = 50 mAdc, IE = 0)
V(BR)EBO
5.0
Vdc
Collector-Base Cutoff Current (VCB = 30 Vdc, IE = 0)
ICBO
0.5
mA
Emitter-Base Cutoff Current (VEB = 4.0 Vdc, IB = 0)
IEBO
0.5
mA
Collector-Emitter Saturation Voltage (Note 2)
(IC = 60 mAdc, IB = 5.0 mAdc)
VCE(sat)
0.4
Vdc
DC Current Gain (Note 2)
(VCE = 6.0 Vdc, IC = 1.0 mAdc)
hFE
120
560
Transition Frequency (VCE = 12 Vdc, IC = 2.0 mAdc, f = 30 MHz)
fT
180
MHz
Output Capacitance (VCB = 12 Vdc, IC = 0 Adc, f = 1.0 MHz)
COB
2.0
pF
2. Pulse Test: Pulse Width
≤ 300 ms, D.C. ≤ 2%.


Html Pages

1  2  3  4 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
2SA2029M3PNP Silicon General Purpose Amplifier Transistor 1 2 3 4 ON Semiconductor
XN05501Silicon NPN epitaxial planar type For general amplification 1 2 3 Panasonic Semiconductor
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
MMBC1623L6NPN EPITAXIAL SILICON TRANSISTOR 1 Samsung semiconductor
SC2412KLT1General Purpose Transistors 1 2 3 List of Unclassifed Manufacturers
PJ2N3906PNP Epitaxial Silicon Transistor 1 2 3 List of Unclassifed Manufacturers
HM3-6116-92K x 8 GENERAL PURPOSE CMOS SRAM 1 2 3 4 5 MoreList of Unclassifed Manufacturers
CIL351NPN SILICON PLANAR TRANSISTORS 1 2 3 Continental Device India Limited
ZX5T869Z25V NPN LOW SATURATION MEDIUM POWER TRANSISTOR IN SOT89 1 2 3 4 5 MoreZetex Semiconductors
XN0A312Silicon NPN epitaxial planar type Tr1 1 2 3 4 5 Panasonic Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn