Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG1206 Datasheet(PDF) 15 Page - Analog Devices

Part # ADG1206
Description  Low Capacitance, 16- and 8-Channel -15 V/12 V iCMOS Multiplexers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG1206 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADG1206 Datasheet HTML 11Page - Analog Devices ADG1206 Datasheet HTML 12Page - Analog Devices ADG1206 Datasheet HTML 13Page - Analog Devices ADG1206 Datasheet HTML 14Page - Analog Devices ADG1206 Datasheet HTML 15Page - Analog Devices ADG1206 Datasheet HTML 16Page - Analog Devices ADG1206 Datasheet HTML 17Page - Analog Devices ADG1206 Datasheet HTML 18Page - Analog Devices ADG1206 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
ADG1206/ADG1207
Rev. 0 | Page 15 of 20
12
0
2
4
6
8
10
–15
15
510
0
–5
–10
VBIAS (V)
VDD = +15V
VSS = –15V
TA = 25°C
SOURCE/DRAIN ON
DRAIN OFF
SOURCE OFF
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
100
10M
1M
100k
10k
1k
FREQUENCY (Hz)
TA = 25°C
NO DECOUPLING CAPACITORS
VDD = +15V
VSS = –15V
V p-p = 0.63V
Figure 25. ADG1207 Capacitance vs. Source Voltage, ±15 V Dual Supply
Figure 27. AC PSRR vs. Frequency
14
12
0
2
4
6
8
10
01
810
6
4
2
VBIAS (V)
2
VDD = 12V
VSS = 0V
TA = 25°C
SOURCE/DRAIN ON
DRAIN OFF
SOURCE OFF
Figure 26. ADG1207 Capacitance vs. Source Voltage, 12 V Single Supply


Similar Part No. - ADG1206

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206LYCPZ-REEL7 AD-ADG1206LYCPZ-REEL7 Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1206 AD-ADG1206_15 Datasheet
434Kb / 20P
   Low Capacitance
REV. A
More results

Similar Description - ADG1206

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG1208 AD-ADG1208 Datasheet
445Kb / 20P
   Low Capacitance, 4-/8-Channel -15 V/12 V iCMOS Multiplexers
REV. 0
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel 15 V/12 V iCMOS Multiplexers
REV. B
ADG1209YRZ AD-ADG1209YRZ Datasheet
433Kb / 20P
   Low Capacitance, 4-/8-Channel, 짹15 V/12 V iCMOS Multiplexers
REV. B
ADG1206L AD-ADG1206L Datasheet
1,003Kb / 23P
   Low Capacitance, 16-Channel and 8-Channel iCMOS Multiplexers with 1.2 V and 1.8 V JEDEC Logic Compliance
Rev. 0
ADG1308 AD-ADG1308 Datasheet
411Kb / 16P
   4- and 8-Channel -15 V/12 V Multiplexers
REV. 0
ADG1308 AD-ADG1308_15 Datasheet
361Kb / 16P
   4 and 8 Channel 15 V/12 V Multiplexers
REV. A
ADG1406 AD-ADG1406 Datasheet
571Kb / 20P
   9.5 ohm RON, 16-Channel, Differential 8-Channel, 짹15 V/12 V/짹5 V iCMOS Multiplexers
REV. 0
ADG1223BRMZ AD-ADG1223BRMZ Datasheet
279Kb / 16P
   Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A
ADG1438 AD-ADG1438 Datasheet
605Kb / 20P
   Serially Controlled, 짹15 V/12 V/짹5 V, 8-Channel/4-Channel, iCMOS Multiplexers/Matrix Switches
REV. 0
ADG1309 AD-ADG1309_15 Datasheet
361Kb / 16P
   4 and 8Channel 15 V/12 V Multiplexers
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com