Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ADG888 Datasheet(PDF) 5 Page - Analog Devices

Part No. ADG888
Description  0.4 OHM CMOS, Dual DPDT Switch in WLCSP/LFCSP/TSSOP Packages
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG888 Datasheet(HTML) 5 Page - Analog Devices

  ADG888 Datasheet HTML 1Page - Analog Devices ADG888 Datasheet HTML 2Page - Analog Devices ADG888 Datasheet HTML 3Page - Analog Devices ADG888 Datasheet HTML 4Page - Analog Devices ADG888 Datasheet HTML 5Page - Analog Devices ADG888 Datasheet HTML 6Page - Analog Devices ADG888 Datasheet HTML 7Page - Analog Devices ADG888 Datasheet HTML 8Page - Analog Devices ADG888 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADG888
Rev. A | Page 5 of 16
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +6 V
Analog Inputs, Digital Inputs1
−0.3 V to VDD + 0.3 V or 30 mA,
whichever occurs first
Peak Current, S or D
5 V operation
600 mA (pulsed at 1 ms,
10% duty cycle max)
Continuous Current, S or D
5 V operation
400 mA
Operating Temperature Range
Automotive (Y Version)
TSSOP and LFCSP packages
−40°C to +125°C
Industrial (B version)
WLCSP package
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Junction Temperature
150°C
16-Lead TSSOP Package
θJA Thermal Impedance
(4-Layer Board)
112°C/W
θJC Thermal Impedance
27.6°C/W
16-Lead WLCSP Package
θJA Thermal Impedance
(4-Layer Board)
130°C/W
16-Lead LFCSP Package
θJA Thermal Impedance
(4-Layer Board)
30.4°C/W
Reflow Soldering (Pb-Free)
Peak Temperature
260(+0/−5)°C
Time at Peak Temperature
10 sec to 40 sec
1 Overvoltages at IN, S, or D are clamped by internal diodes. Limit current to
the maximum ratings given.
Stresses above those listed under Absolute Maximum Ratings
may cause permanent damage to the device. This is a stress
rating only; functional operation of the device at these or any
other conditions above those indicated in the operational
section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect
device reliability.
Only one absolute maximum rating can be applied at any one
time.
ESD CAUTION


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
ADG787 2.5 OHM CMOS Low Power Dual 2:1 Mux/Demux USB 1.1 Switch 1  2  3  4  5  More Analog Devices
ADG836L 0.5 OHM CMOS 1.65 V to 3.6 V Dual SPDT/2:1 MUX 1  2  3  4  5  More Analog Devices
NLAS9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
NLAST9431 Low Voltage Single Supply Dual DPDT Analog Switch 1  2  3  4  5  More ON Semiconductor
ADG701L CMOS Low Voltage 2 OHM SPST Switches 1  2  3  4  5  More Analog Devices
PI3A4626 3.0V SOTiny Single-Supply 0.4ohm SPST NO CMOS Analog Switch 1  2  3  4  5  More Pericom Semiconductor Corporation
ADG841 0.28 OHM CMOS 1.65 V to 3.6 V Single SPST Switches in SC70 1  2  3  4  5  More Analog Devices
DG406 Improved 16-Channel/Dual 8-Channel CMOS Analog Multiplexers 1  2  3  4  5  More Maxim Integrated Products
MC1650 DUAL A/D CONVERTER 1  2  3  4  5  More Motorola, Inc
A-562H DUAL DIGITS DISPLAY 1  List of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn