Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADG701LBRJ-REEL Datasheet(PDF) 10 Page - Analog Devices

Part # ADG701LBRJ-REEL
Description  CMOS Low Voltage 2 OHM SPST Switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADG701LBRJ-REEL Datasheet(HTML) 10 Page - Analog Devices

Back Button ADG701LBRJ-REEL Datasheet HTML 4Page - Analog Devices ADG701LBRJ-REEL Datasheet HTML 5Page - Analog Devices ADG701LBRJ-REEL Datasheet HTML 6Page - Analog Devices ADG701LBRJ-REEL Datasheet HTML 7Page - Analog Devices ADG701LBRJ-REEL Datasheet HTML 8Page - Analog Devices ADG701LBRJ-REEL Datasheet HTML 9Page - Analog Devices ADG701LBRJ-REEL Datasheet HTML 10Page - Analog Devices ADG701LBRJ-REEL Datasheet HTML 11Page - Analog Devices ADG701LBRJ-REEL Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADG701L/ADG702L
Rev. 0 | Page 10 of 12
APPLICATIONS INFORMATION
The ADG701L/ADG702L belong to the Analog Devices new
family of CMOS switches. This series of general-purpose switches
have improved switching times, lower on resistance, higher
bandwidth, low power consumption, and low leakage currents.
SUPPLY VOLTAGES
Functionality of the ADG701L/ADG702L extends from 1.8 V to
5.5 V single supply, making the parts ideal for battery-powered
instruments where power, efficiency, and performance are
important design parameters.
It is important to note that the supply voltage affects the input
signal range, the on resistance, and the switching times of the
part. The effects of the power supplies can be clearly seen in the
Typical Performance Characteristics and the Specifications
sections.
For VDD = 1.8 V operation, RON is typically 40 Ω over the
temperature range.
BANDWIDTH
Figure 19 illustrates the parasitic components that affect the ac
performance of CMOS switches (a box surrounds the switch).
Additional external capacitances further degrade some perform-
ance. These capacitances affect feedthrough, crosstalk, and
system bandwidth.
VIN
SD
RON
CDS
CD
CLOAD
RLOAD
VOUT
Figure 19. Switch Represented by Equivalent Parasitic Components
The transfer function that describes the equivalent diagram of
the switch (see Figure 19) is of the form A(s), as shown in the
following equation:
+
+
=
1
)
(
1
)
(
)
(
T
T
ON
DS
ON
T
R
C
R
s
C
R
s
R
s
A
where CT = CLOAD + CD + CDS.
The signal transfer characteristic is dependent on the switch
channel capacitance, CDS. This capacitance creates a frequency
zero in the numerator of the transfer function, A(s). Because
the switch on resistance is small, this zero usually occurs at high
frequencies. The bandwidth is a function of the switch output
capacitance combined with CDS and the load capacitance. The
frequency pole corresponding to these capacitances appears in
the denominator of A(s).
The dominant effect of the output capacitance, CD, causes the
pole breakpoint frequency to occur first. In order to maximize
bandwidth, a switch must have a low input and output capaci-
tance and low on resistance. The on response versus frequency
for the ADG701L/ADG702L is shown in Figure 11.
OFF ISOLATION
Off isolation is a measure of the input signal coupled through
an off switch to the switch output. The capacitance, CDS, couples
the input signal to the output load when the switch is off (see
Figure 20).
VIN
SD
CDS
CD
CLOAD
RLOAD
VOUT
Figure 20. Off Isolation Is Affected by External Load Resistance and
Capacitance
The larger the value of CDS, the larger the values of feedthrough
produced. Figure 10 illustrates the drop in off isolation as a
function of frequency. From dc to roughly 1 MHz, the switch
shows better than −75 dB isolation. Up to frequencies of
10 MHz, the off isolation remains better than −55 dB. As the
frequency increases, more and more of the input signal is
coupled through to the output. Off isolation can be maximized
by choosing a switch with the smallest CDS possible. The values
of load resistance and capacitance also affect off isolation, as
they contribute to the coefficients of the poles and zeros in the
transfer function of the switch when open.
+
+
=
1
)
)(
(
1
)
(
)
(
T
LOAD
DS
LOAD
T
C
R
s
C
R
s
R
s
A


Similar Part No. - ADG701LBRJ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
ADG701 AD-ADG701 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-500RL7 AD-ADG701BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-500RL7 AD-ADG701BRJ-500RL7 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701BRJ-REEL AD-ADG701BRJ-REEL Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
More results

Similar Description - ADG701LBRJ-REEL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADG801 AD-ADG801 Datasheet
76Kb / 9P
   <0.5 ohm CMOS, Low Voltage, SPST Switches
REV. PrE Jan ??2
ADG721 AD-ADG721 Datasheet
204Kb / 8P
   CMOS Low Voltage 4 ohm Dual SPST Switches
REV. 0
ADG711 AD-ADG711 Datasheet
119Kb / 8P
   CMOS Low Voltage 4 ohm Quad SPST Switches
REV. 0
ADG702BRMZ AD-ADG702BRMZ Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
ADG701 AD-ADG701_06 Datasheet
271Kb / 12P
   CMOS Low Voltage 2 廓 SPST Switches
REV. C
logo
Maxim Integrated Produc...
MAX4645 MAXIM-MAX4645 Datasheet
202Kb / 11P
   Fast, Low-Voltage, 2.5-ohm, SPST, CMOS Analog Switches
Rev 1; 7/00
MAX4501 MAXIM-MAX4501 Datasheet
313Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
MAX4502EUKT MAXIM-MAX4502EUKT Datasheet
319Kb / 8P
   Low-Voltage, SPST, CMOS Analog Switches
Rev 1; 11/99
logo
Analog Devices
ADG701 AD-ADG701 Datasheet
108Kb / 8P
   CMOS Low Voltage 2ohm SPST Switches
REV. A
logo
Pericom Semiconductor C...
PI5A4626 PERICOM-PI5A4626 Datasheet
210Kb / 9P
   SOTINY??Low-Voltage, Single-Supply 1-Ohm SPST CMOS Analog Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com