Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADF4193 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4193
Description  Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4193 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4193 Datasheet HTML 20Page - Analog Devices ADF4193 Datasheet HTML 21Page - Analog Devices ADF4193 Datasheet HTML 22Page - Analog Devices ADF4193 Datasheet HTML 23Page - Analog Devices ADF4193 Datasheet HTML 24Page - Analog Devices ADF4193 Datasheet HTML 25Page - Analog Devices ADF4193 Datasheet HTML 26Page - Analog Devices ADF4193 Datasheet HTML 27Page - Analog Devices ADF4193 Datasheet HTML 28Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 28 page
background image
ADF4193
Rev. B | Page 24 of 28
Phase Look-Up Table
The ADF4193’s fast lock sequence is initiated following the
write to Register R0. The fast lock timers are programmed so
that after the PLL has settled in wide BW mode, the charge
pump current is reduced and loop filter resistor switches are
opened to reduce the loop BW. The reference cycle on which
these events occur is determined by the values preprogrammed
into the timeout counters.
Figure 10 and Figure 13 show that the lock time to final phase is
dominated by the phase swing that occurs when the BW is
reduced. Once the PLL has settled to final frequency and phase,
in wide BW mode, this phase swing is the same, regardless of
the size of the synthesizer’s frequency jump. The amplitude of
the phase swing is related to the current flowing through the
loop filter zero resistors on the PFD reference cycle that the
SW1/SW2 switches are opened. In an integer-N PLL, this
current is zero once the PLL has settled. In a fractional-N PLL,
the current is zero on average but varies from one reference
cycle to the next, depending on the quantization error sequence
output from the digital Σ-Δ modulator. Because the Σ-Δ
modulator is all digital logic, clocked at the PFD reference rate,
for a given value of MOD, the actual quantization error on any
given reference cycle is determined by the value of FRAC and
the PHASE word that the modulator is seeded with, following
the write to R0. By choosing an appropriate value of PHASE,
corresponding to the value of FRAC, that is programmed on the
next write to R0, the size of the error current on the PFD
reference cycle the SW1/SW2 switches opened, and thus the
phase swing that occurs when the BW is reduced can be
minimized.
With dither off, the fractional spur pattern due to the SDM’s
quantization noise also depends on the phase word the modulator
is seeded with. Tables of optimized FRAC and phase values for
popular SW1/SW2 and ICP timer settings can be down-loaded
from the ADF4193 product page. If making use of a phase table,
first write phase to double buffered Register R2, then write the
INT and FRAC to R0.
Avoiding Integer Boundary Channels
A further option when programming a new frequency involves
a write to Register R1 to avoid integer boundary spurs. If it is
found that the integer boundary spur level is too high, an
option is to move the integer boundary away from the desired
channel by reprogramming the R divider to select a different
PFD frequency. For example, if REFIN = 104 MHz and R = 4 for
a 26 MHz PFD reference and MOD = 130 for 200 kHz steps, the
frequency channel at 910.2 MHz has a 200 kHz integer
boundary spur because it is 200 kHz offset from 35 × 26 MHz.
An alternative way to synthesize this channel is to set R = 5 for a
20.8 MHz PFD reference and MOD = 104 for 200 kHz steps.
The 910.2 MHz channel is now 5 MHz offset from the nearest
integer multiple of 20.8 MHz and the 5 MHz beat note spurs are
well attenuated by the loop. Setting double buffered Bit R1 [23] = 1
(CP ADJ bit) increases the charge pump current by 25%, which
compensates for the 25% increase in N with the change to the
20.8 MHz PFD frequency. This maintains constant loop
dynamics and settling time performance for jumps between the
two PFD frequencies. The CP ADJ bit should be cleared again
when jumping back to 26 MHz-based channels.
The Register R1 settings necessary for integer boundary spur
avoidance are all double buffered and do not become active on
the chip until the next write to Register R0. Register R0 should
always be the last register written to when programming a new
frequency.
Serial Interface Activity
The serial interface activity when programming the R2 or R1
registers causes no noticeable disturbance to the synthesizers
settled phase or degradation in its frequency spectrum.
Therefore, in a GSM application, it can be performed during
the active part of the data burst. Because it takes just 10.2 μs to
program the three registers, R2, R1, and R0, with the 6.5 MHz
serial interface clock rate typically used, this programming can
also be performed during the previous guard period with the
LE edge to latch in the R0 data delayed until it’s time to switch
frequency.


Similar Part No. - ADF4193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
More results

Similar Description - ADF4193

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADF4193 AD-ADF4193_15 Datasheet
922Kb / 32P
   Low Phase Noise, Fast Settling PLL Frequency Synthesizer
Rev. F
ADF4196 AD-ADF4196_15 Datasheet
665Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz PLL Frequency Synthesizer
ADF4196 AD-ADF4196 Datasheet
599Kb / 28P
   Low Phase Noise, Fast Settling, 6 GHz
REV. B
logo
SYNERGY MICROWAVE CORPO...
FSFS315555-500 SYNERGY-FSFS315555-500 Datasheet
405Kb / 2P
   FAST SETTLING SYNTHESIZER
logo
Peregrine Semiconductor
PE33241 PSEMI-PE33241 Datasheet
466Kb / 13P
   UltraCMOS Integer-N PLL Frequency Synthesizer for Low Phase Noise Applications
logo
BOWEI Integrated Circui...
MPS3500BL-100M BOWEI-MPS3500BL-100M Datasheet
115Kb / 1P
   Low phase noise fixed frequency synthesizer
logo
NXP Semiconductors
TSA6060 PHILIPS-TSA6060 Datasheet
236Kb / 16P
   Fast radio tuning PLL frequency synthesizer
1995 Nov 23
logo
Toshiba Semiconductor
TB31206FN TOSHIBA-TB31206FN Datasheet
602Kb / 15P
   PLL FREQUENCY SYNTHESIZER
logo
Analog Devices
ADF4107 AD-ADF4107_15 Datasheet
470Kb / 20P
   PLL Frequency Synthesizer
REV. D
ADF4108 AD-ADF4108 Datasheet
445Kb / 20P
   PLL Frequency Synthesizer
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com